データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX3SM データシート(PDF) 1 Page - EUROQUARTZ limited

部品番号 CX3SM
部品情報  Extensional mode resonator, 760kHz to 1.35MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EUROQUARTZ [EUROQUARTZ limited]
ホームページ  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX3SM データシート(HTML) 1 Page - EUROQUARTZ limited

  CX3SM Datasheet HTML 1Page - EUROQUARTZ limited CX3SM Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
CX3SM CRYSTAL
Low Profile Miniature SMD AT Crystal
800kHz to 1.35MHz
DESCRIPTION
CX3SM crystals consist of a high quality extensional mode resonator
in a rugged, hermetically sealed ceramic package.
Specifications stated are typical at 25°C unless otherwise indicated.
Specifications may change without notice.
Frequency Range:
800kHz to 1.35MHz
Standard Calibration Tolerance*:
±500ppm (0.05%)
±1000ppm (0.1%)
±10000ppm (1.0%)
Load Capacitance:
7pF
Motional Resistance (R1):
5kΩ maximum
Motional Capacitance (C1):
1.2fF
Quality Factor (Q):
150k
Shunt Capacitance (C0):
1.0pF
Drive Level:
3µW maximum
Turning Point (T0**):
35°C
Temperature Coefficient (k):
-0.035ppm/°C2
Ageing First Year:
±5ppm maximum
Shock, Survival:
1000g, 0.3ms, ½ sine
Vibration, Survival:
10g rms, 20~1000Hz random
Operating Temperature Range:
-10°C to +70°C (Commercial)
-40°C to +85°C (Industrial)
-55°C to +125°C (Military)
Storage Temperature Range:
-55° to +125°C
Maximum Process Temperature:
+260°C for 20 seconds
SPECIFICATION
FEATURES
Extensional mode resonator, 760kHz to 1.35MHz
Designed for low power applications
Ideal microprocessor clock crystal
Low ageing
Full military testing available
PACKAGING OPTIONS
CX3SM crystals are available either tray packed (<250pcs) or tape
and reel (>250 pieces).
16mm tape, 178mm or 330mm reels (EIA 418).
*
Tighter frequency calibration is available.
**
Other turning point is available.
HOW TO ORDER CX3SM CRYSTALS
CX3 -
S
-
C
-
SM1
-
1.0M
, 500
/
I
'S' if special,
custom design.
Otherwise leave
blank
Blank = glass lid
C = ceramic lid
Terminations
SM1 = Gold plated *
SM2 = Solder plated
SM3 = Solder dipped
SM4 = Solder plated *
SM5 = Solder dipped *
* = Lead free
Frequency
K = kHz
M = MHz
Calibration
Tolerance
@25°C
(in ppm)
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
Note: Frequency f at temperature T is related to frequency Fo at
turning point temperature To by:
f-fo
fo
=k(T-To)2
Turning Point Temperature
SM1
1.35
1.70
SM2
1.40
1.75
SM3
1.47
1.83
SM4
1.40
1.75
SM5
1.47
1.83
Glass
Lid
Ceramic
Lid
Dim. H
OUTLINE & DIMENSIONS


同様の部品番号 - CX3SM

メーカー部品番号データシート部品情報
logo
RSG Electronic Componen...
CX3SM RSG-CX3SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX3SM STATEK-CX3SM Datasheet
121Kb / 2P
   Low Profile Miniature Surface Mount Quartz Crystal
logo
EUROQUARTZ limited
CX3SM EUROQUARTZ-CX3SM Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
RSG Electronic Componen...
CX3SM-AT RSG-CX3SM-AT Datasheet
97Kb / 2P
   9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
CX3SM1 RSG-CX3SM1 Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
More results

同様の説明 - CX3SM

メーカー部品番号データシート部品情報
logo
EUROQUARTZ limited
CX2SM EUROQUARTZ-CX2SM Datasheet
119Kb / 2P
   Extensional mode resonator, 760kHz to 1.35MHz
CX1SM EUROQUARTZ-CX1SM Datasheet
154Kb / 2P
   Extensional Mode
logo
TAI-SAW TECHNOLOGY CO.,...
TC0231A TAI-SAW-TC0231A Datasheet
225Kb / 3P
   SAW Resonator 315.15 MHz TO-39
logo
Fujitsu Component Limit...
FAR-C3C FUJITSU-FAR-C3C Datasheet
73Kb / 9P
   Piezoelectric Resonator (4 to 20 MHz)
logo
TAI-SAW TECHNOLOGY CO.,...
TC433E2B TAI-SAW-TC433E2B Datasheet
228Kb / 3P
   SAW Resonator 433.920 MHz TO-39
TC0408A TAI-SAW-TC0408A Datasheet
184Kb / 4P
   SAW Resonator 315 MHz TO-39
TC433E2-A TAI-SAW-TC433E2-A Datasheet
230Kb / 3P
   SAW Resonator 433.920 MHz TO-39
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CN FUJITSU-FAR-C4CN Datasheet
61Kb / 9P
   Piezoelectric Resonator (4 to 23.9 MHz)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com