データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST2220CG223C251 データシート(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

部品番号 ST2220CG223C251
部品情報  Soft Termination Multilayer Ceramic Chip Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MERITEK [MERITEK ELECTRONICS CORPORATION]
ホームページ  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST2220CG223C251 データシート(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  ST2220CG223C251 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION ST2220CG223C251 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ST2220CG223C251 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST2220CG223C251 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ST2220CG223C251 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ST2220CG223C251 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ST2220CG223C251 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ST2220CG223C251 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ST2220CG223C251 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
Wide capacitance range in a given size
High performance to withstanding 5mm of substrate bending
test guarantee
Reduction in PCB bend failure
Lead free terminations
High reliability and stability
RoHS compliant
HALOGEN compliant
APPLICATIONS
High flexure stress circuit board
DC to DC converter
High voltage coupling/DC blocking
Back-lighting inverters
Snubbers in high frequency power convertors
MERITEK Multilayer Ceramic Chip Capacitors supplied in
bulk or tape & reel package are ideally suitable for thick-film
hybrid circuits and automatic surface mounting on any
printed circuit boards, All of MERITEK's MLCC products meet
RoHS directive.
ST series use a special material between nickel-barrier
and ceramic body. It provides excellent performance to
against bending stress occurred during process and
provide more security for PCB process.
The nickel-barrier terminations are consisted of a nickel
barrier layer over the silver metallization and then finished by
electroplated solder layer to ensure the terminations have
good solderability. The nickel barrier layer in terminations
prevents the dissolution of termination when extended
immersion in molten solder at elevated solder temperature.
PART NUMBER SYSTEM
DIMENSION
ST 0805 XR 104 K 101
Meritek Series
Size
0603
0805
1206
1210
1812
1825
2220
2225
Dielectric
Code
XR
CG
X7R
COG(NPO)
Capacitance
Code
8R2
101
223
104
pF
8.2
100
22000
100000
nF
--
0.1
22
100
uF
--
--
0.022
0.1
Tolerance
Code
Tolerance
Code
Tolerance
Code
Tolerance
B
±0.1pF
C
±0.25pF
D
±0.5pF
F
±1%
G
±2%
J
±5%
K
±10%
M
±20%
Rated Voltage – 2 significant digits + number of zeros.
Code
101
201
251
501
631
100Vdc
200Vdc
250Vdc
500Vdc
630Vdc
Size Inch (mm)
L(mm)
W(mm)
Tmax(mm)
MB min (mm)
0603(1608)
1.6±0.2
0.8±0.15
0.95
0.20
0805(2012)
2.1±0.2
1.25±0.2
1.45
0.30
1206(3216)
3.3±0.3
1.6±0.2
1.80
0.30
1210(3225)
3.3±0.4
2.5±0.4
2.90
0.30
1812(4532)
4.5±0.4
3.2±0.3
2.80
0.26
1825(4563)
4.6±0.3
6.3±0.4
2.80
0.26
2220(5750)
5.7±0.4
5.0±0.4
2.80
0.30
2225(5763)
5.7±0.4
6.3±0.4
2.80
0.30
Soft Termination Multilayer
Ceramic Chip Capacitors
RoHS
MERITEK
ST Series
Rev.7


同様の部品番号 - ST2220CG223C251

メーカー部品番号データシート部品情報
logo
E-SWITCH
ST222005 E-SWITCH-ST222005 Datasheet
102Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

同様の説明 - ST2220CG223C251

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GCJ31CR72A105KA01 MURATA-GCJ31CR72A105KA01 Datasheet
754Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188C70J475KE02 MURATA-GCJ188C70J475KE02 Datasheet
762Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A333KA01 MURATA-GCJ188R92A333KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BL81H104KA01 MURATA-GCJ21BL81H104KA01 Datasheet
758Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A473KA01 MURATA-GCJ188R92A473KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ31CC71H475KA01 MURATA-GCJ31CC71H475KA01 Datasheet
755Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71E105KA01 MURATA-GCJ188R71E105KA01 Datasheet
764Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BC72A105KE02 MURATA-GCJ21BC72A105KE02 Datasheet
757Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ219R71H334KA12 MURATA-GCJ219R71H334KA12 Datasheet
763Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71H224KA01 MURATA-GCJ188R71H224KA01 Datasheet
767Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com