データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD834JN データシート(PDF) 3 Page - Analog Devices

部品番号 AD834JN
部品情報  500 MHz Four-Quadrant Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD834JN データシート(HTML) 3 Page - Analog Devices

  AD834JN Datasheet HTML 1Page - Analog Devices AD834JN Datasheet HTML 2Page - Analog Devices AD834JN Datasheet HTML 3Page - Analog Devices AD834JN Datasheet HTML 4Page - Analog Devices AD834JN Datasheet HTML 5Page - Analog Devices AD834JN Datasheet HTML 6Page - Analog Devices AD834JN Datasheet HTML 7Page - Analog Devices AD834JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD834
REV. C
–3–
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (+VS to –VS) . . . . . . . . . . . . . . . . . . . . . . 18 V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 500 mW
Input Voltages (X1, X2, Y1, Y2) . . . . . . . . . . . . . . . . . . . . +VS
Operating Temperature Range
AD834J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD834A . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD834S/883B . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (R, N) . . . . . . . –65
°C to +125°C
Lead Temperature (Soldering 60 sec) . . . . . . . . . . . . . +300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the devices. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
JC
JA
8-Pin Cerdip Package (Q)
30
°C/W
110
°C/W
8-Pin Plastic SOIC (R)
45
°C/W
165
°C/W
8-Pin Plastic Mini-DIP (N)
50
°C/W
99
°C/W
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD834JN
0
°C to +70°C
N-8
AD834JR
0
°C to +70°C
SO-8
AD834JR-REEL
0
°C to +70°C
SO-8
AD834JR-REEL7
0
°C to +70°C
SO-8
AD834AR
–40
°C to +85°C
SO-8
AD834AQ
–40
°C to +85°C
Q-8
AD834SQ/883B
–55
°C to +125°C
Q-8
AD834S CHIPS
–55
°C to +125°C
DIE
*N = Plastic DIP; Q = Cerdip; SO = Small Outline IC (SOIC) Package.
CONNECTION DIAGRAM
Small Outline (R) Package
Plastic DIP (N) Package
Cerdip (Q) Package
METALIZATION PHOTOGRAPH
CHIP DIMENSIONS AND BONDING DIAGRAM
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Small Outline (SO-8) Package
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
Cerdip (Q) Package


同様の部品番号 - AD834JN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD834JNZ AD-AD834JNZ Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results

同様の説明 - AD834JN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD834 AD-AD834_15 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com