データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD8444L_F085 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FDD8444L_F085
部品情報  N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8444L_F085 データシート(HTML) 5 Page - Fairchild Semiconductor

  FDD8444L_F085_09 Datasheet HTML 1Page - Fairchild Semiconductor FDD8444L_F085_09 Datasheet HTML 2Page - Fairchild Semiconductor FDD8444L_F085_09 Datasheet HTML 3Page - Fairchild Semiconductor FDD8444L_F085_09 Datasheet HTML 4Page - Fairchild Semiconductor FDD8444L_F085_09 Datasheet HTML 5Page - Fairchild Semiconductor FDD8444L_F085_09 Datasheet HTML 6Page - Fairchild Semiconductor FDD8444L_F085_09 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDD8444L_F085 Rev A (W)
www.fairchildsemi.com
5
Figure 5.
1
10
100
0.1
1
10
100
1000
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
LIMITED
BY PACKAGE
10us
100us
1ms
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
DC
Forward Bias Safe Operating Area
0.01
0.1
1
10
100
1000
1
10
100
STARTING TJ = 150
o
C
STARTING TJ = 25
o
C
tAV, TIME IN AVALANCHE (ms)
500
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7.
0.51.0
1.52.0
2.53.0
3.5
0
20
40
60
80
100
TJ = -55oC
TJ = 25oC
TJ = 175oC
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
VDD = 5V
VGS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 8.
01
23
45
0
50
100
150
200
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 10V
VGS = 3V
VGS = 5V
VGS = 4V
VGS = 3.5V
Saturation Characteristics
Figure 9.
34
5678
9
10
0
5
10
15
20
25
30
TJ = 25oC
ID = 50A
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
TJ = 175oC
VGS, GATE TO SOURCE VOLTAGE (V)
Drain to Source On-Resistance
Variation vs Gate to Source Voltage
Figure 10.
-80
-40
0
40
80
120
160
200
0.6
0.8
1.0
1.2
1.4
1.6
1.8
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
ID = 50A
VGS = 10V
TJ, JUNCTION TEMPERATURE(oC)
Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics


同様の部品番号 - FDD8444L_F085_09

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD8444L-F085 FAIRCHILD-FDD8444L-F085 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD8444L-F085 ONSEMI-FDD8444L-F085 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 1
More results

同様の説明 - FDD8444L_F085_09

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
FDD4141 FAIRCHILD-FDD4141_10 Datasheet
272Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDD8444 FAIRCHILD-FDD8444_06 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m?
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com