データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD8001 データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FOD8001
部品情報  High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8001 データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FOD8001 Datasheet HTML 4Page - Fairchild Semiconductor FOD8001 Datasheet HTML 5Page - Fairchild Semiconductor FOD8001 Datasheet HTML 6Page - Fairchild Semiconductor FOD8001 Datasheet HTML 7Page - Fairchild Semiconductor FOD8001 Datasheet HTML 8Page - Fairchild Semiconductor FOD8001 Datasheet HTML 9Page - Fairchild Semiconductor FOD8001 Datasheet HTML 10Page - Fairchild Semiconductor FOD8001 Datasheet HTML 11Page - Fairchild Semiconductor FOD8001 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8001 Rev. 1.0.3
9
Small Outline Package Dimensions
Note:
All dimensions are in millimeters.
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
0.024 (0.61)
0.050 (1.27)
0.155 (3.94)
0.275 (6.99)
0.060 (1.52)
Lead Coplanarity : 0.004 (0.10) MAX
0.202 (5.13)
0.182 (4.63)
0.021 (0.53)
0.011 (0.28)
0.050 (1.27)
TYP
0.244 (6.19)
0.224 (5.69)
0.143 (3.63)
0.123 (3.13)
0.008 (0.20)
0.003 (0.08)
0.010 (0.25)
0.006 (0.16)
0.164 (4.16)
0.144 (3.66)


同様の部品番号 - FOD8001

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
logo
ON Semiconductor
FOD8001 ONSEMI-FOD8001 Datasheet
224Kb / 10P
   High Noise Immunity, 3.3 V / 5 V Logic Gate Optocoupler
August, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
logo
ON Semiconductor
FOD8001R2 ONSEMI-FOD8001R2 Datasheet
224Kb / 10P
   High Noise Immunity, 3.3 V / 5 V Logic Gate Optocoupler
August, 2020 ??Rev. 1
More results

同様の説明 - FOD8001

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8061 FAIRCHILD-FODM8061 Datasheet
382Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8061 FAIRCHILD-FODM8061_10 Datasheet
387Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061 Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
FODM8061 ONSEMI-FODM8061_V01 Datasheet
239Kb / 11P
   High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler
August, 2022 - Rev. 3
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FOD8001 ONSEMI-FOD8001 Datasheet
224Kb / 10P
   High Noise Immunity, 3.3 V / 5 V Logic Gate Optocoupler
August, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com