データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8644ARU データシート(PDF) 5 Page - Analog Devices

部品番号 AD8644ARU
部品情報  Single and Quad 18 V Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8644ARU データシート(HTML) 5 Page - Analog Devices

  AD8644ARU Datasheet HTML 1Page - Analog Devices AD8644ARU Datasheet HTML 2Page - Analog Devices AD8644ARU Datasheet HTML 3Page - Analog Devices AD8644ARU Datasheet HTML 4Page - Analog Devices AD8644ARU Datasheet HTML 5Page - Analog Devices AD8644ARU Datasheet HTML 6Page - Analog Devices AD8644ARU Datasheet HTML 7Page - Analog Devices AD8644ARU Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD8614/AD8644
–5–
REV. 0
SUPPLY VOLTAGE – V
0
220
46
8
10
12
14 16
18
9
8
0
4
3
2
1
7
5
6
AV = 1
RL = 2k
CL = 200pF
TA = 25 C
SR+
SR
Figure 19. Slew Rate vs. Supply
Voltage
FREQUENCY – Hz
100
10
1
10
100
10k
1k
VS = 5V
TA = 25 C
Figure 20. Voltage Noise Density
vs. Frequency
FREQUENCY – Hz
100
10
1
10
100
10k
1k
VS = 18V
TA = 25 C
Figure 21. Voltage Noise Density vs.
Frequency
APPLICATIONS SECTION
Theory of Operation
The AD8614/AD8644 are processed using Analog Devices’ high
voltage, high speed, complementary bipolar process—HV XFCB.
This process includes trench isolated transistors that lower parasitic
capacitance.
Figure 22 shows a simplified schematic of the AD8614/AD8644.
The input stage is rail-to-rail, consisting of two complementary
differential pairs, one NPN pair and one PNP pair. The input stage
is protected against avalanche breakdown by two back-to-back
diodes. Each input has a 1.5 k
Ω resistor that limits input current
during over-voltage events and furnishes phase reversal protection
if the inputs are exceeded. The two differential pairs are connected
to a double-folded cascode. This is the stage in the amplifier with
the most gain. The double folded cascode differentially feeds the
output stage circuitry. Two complementary common emitter tran-
sistors are used as the output stage. This allows the output to swing
to within 125 mV from each rail with a 10 mA load. The gain of the
output stage, and thus the open loop gain of the op amp, depends on
the load resistance.
VCC
+
1.5k
VEE
VCC
VOUT
1.5k
VCC
Figure 22. Simplified Schematic
The AD8614/AD8644 have no built-in short circuit protection.
The short circuit limit is a function of high current roll-off of the
output stage transistors and the voltage drop over the resistor
shown on the schematic at the output stage. The voltage over this
resistor is clamped to one diode during short circuit voltage events.
Output Short-Circuit Protection
To achieve a wide bandwidth and high slew rate, the output of
the AD8614/AD8644 is not short-circuit protected. Shorting
the output directly to ground or to a supply rail may destroy the
device. The typical maximum safe output current is 70 mA.
In applications where some output current protection is needed,
but not at the expense of reduced output voltage headroom, a low
value resistor in series with the output can be used. This is shown
in Figure 23. The resistor is connected within the feedback loop
of the amplifier so that if VOUT is shorted to ground and VIN
swings up to 18 V, the output current will not exceed 70 mA.
For 18 V single supply applications, resistors less than 261
Ω are
not recommended.


同様の部品番号 - AD8644ARU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8644ARU AD-AD8644ARU Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644ARU AD-AD8644ARU Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8644ARU-REEL AD-AD8644ARU-REEL Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644ARU-REEL AD-AD8644ARU-REEL Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8644ARUZ AD-AD8644ARUZ Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
More results

同様の説明 - AD8644ARU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8644 AD-AD8644_15 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8614ARTZ AD-AD8614ARTZ Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8614 AD-AD8614_07 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com