データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL4503M データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 HCPL4503M
部品情報  Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503M データシート(HTML) 5 Page - Fairchild Semiconductor

  HCPL4503M_10 Datasheet HTML 1Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 2Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503M_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.6
5
Electrical Characteristics (Continued)
(TA = 0 to 70°C unless otherwise specified. Typical values are measured at TA = 25°C and VCC = 5V.)
Switching Characteristics (VCC = 5V)
Notes:
6. The 4.1k
Ω load represents 1 LSTTL unit load of 0.36mA and 6.1kΩ pull-up resistor.
7. The 1.9k
Ω load represents 1 TTL unit load of 1.6mA and 5.6kΩ pull-up resistor.
8. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge
of the common mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO > 2.0V).
Common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge
of the common mode pulse signal, VCM, to assure that the output will remain in a logic low state (i.e., VO < 0.8V).
Symbol Parameter
Test Conditions
Device
Min.
Typ.
Max.
Unit
tPHL
Propagation Delay
Time to Logic LOW
TA = 25°C, RL = 4.1kΩ,
IF = 16mA
(6) (Fig. 7)
6N135M
0.23
1.5
µs
HCPL2530M
RL = 1.9kΩ, IF = 16mA,
TA = 25°C
(7) (Fig. 7)
6N136M
HCPL4503M
0.25
0.8
µs
HCPL2531M
RL = 4.1kΩ, IF = 16mA
(6) (Fig. 7)
6N135M
HCPL2530M
2.0
µs
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
6N136M
HCPL4503M
HCPL2531M
1.0
µs
tPLH
Propagation Delay
Time to Logic HIGH
TA = 25°C, (RL = 4.1kΩ,
IF = 16mA
(6) (Fig. 7)
6N135M
0.45
1.5
µs
HCPL2530M
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
TA = 25°C
6N136M
HCPL4503M
0.26
0.8
µs
HCPL2531M
RL = 4.1kΩ, IF = 16mA
(6) (Fig. 7)
6N135M
HCPL2530M
2.0
µs
RL = 1.9kΩ, IF = 16mA
(7) (Fig. 7)
6N136M
HCPL4503M
HCPL2531M
1.0
µs
|CMH|
Common Mode
Transient
Immunity at
Logic High
IF = 0mA, VCM = 10VP-P,
RL = 4.1kΩ, TA = 25°C
(8) (Fig. 8)
6N135M
HCPL2530M
10,000
V/µs
IF = 0mA, VCM = 10VP-P,
RL = 1.9kΩ, TA = 25°C
(8) (Fig. 8)
6N136M
HCPL2531M
10,000
V/µs
IF = 0mA, VCM = 1,500VP-P,
RL = 1.9kΩ, TA = 25°C
(8) (Fig. 8)
HCPL4503M
15,000
50,000
|CML|
Common Mode
Transient
Immunity at
Logic Low
IF = 16mA, VCM = 10VP-P,
RL = 4.1kΩ, TA = 25°C
(8) (Fig. 8)
6N135M
HCPL2530M
10,000
V/µs
IF = 16mA, VCM = 10VP-P,
RL = 1.9kΩ
(8) (Fig. 8)
6N136M
HCPL2531M
10,000
V/µs
IF = 0mA, VCM = 1,500VP-P,
RL = 1.9kΩ, TA = 25°C
(8) (Fig. 8)
HCPL4503M
15,000
50,000


同様の部品番号 - HCPL4503M_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL4503M FAIRCHILD-HCPL4503M_06 Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
More results

同様の説明 - HCPL4503M_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N136SDM FAIRCHILD-6N136SDM Datasheet
422Kb / 15P
   Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135M FAIRCHILD-6N135M_10 Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
   Single-Channel Power Distribution Switch Preliminary Information
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
logo
NIKO SEMICONDUCTOR CO.,...
PKC50DY NIKOSEM-PKC50DY Datasheet
284Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor (Preliminary)
logo
Dynex Semiconductor
GP2400ESM12 DYNEX-GP2400ESM12 Datasheet
169Kb / 12P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
logo
SiGe Semiconductor, Inc...
SE2566U SIGE-SE2566U Datasheet
86Kb / 2P
   2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
logo
Dynex Semiconductor
GP800FSS12 DYNEX-GP800FSS12 Datasheet
89Kb / 11P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
logo
GOOD-ARK Electronics
SSF2N60D2 GOOD-ARK-SSF2N60D2_15 Datasheet
917Kb / 7P
   600V N-Channel MOSFET Preliminary
logo
Micrel Semiconductor
MIC94030 MICREL-MIC94030 Datasheet
33Kb / 4P
   TinyFET??P-Channel MOSFET Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com