データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8632ARM データシート(PDF) 10 Page - Analog Devices

部品番号 AD8632ARM
部品情報  1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8632ARM データシート(HTML) 10 Page - Analog Devices

Back Button AD8632ARM Datasheet HTML 4Page - Analog Devices AD8632ARM Datasheet HTML 5Page - Analog Devices AD8632ARM Datasheet HTML 6Page - Analog Devices AD8632ARM Datasheet HTML 7Page - Analog Devices AD8632ARM Datasheet HTML 8Page - Analog Devices AD8632ARM Datasheet HTML 9Page - Analog Devices AD8632ARM Datasheet HTML 10Page - Analog Devices AD8632ARM Datasheet HTML 11Page - Analog Devices AD8632ARM Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8631/AD8632
–10–
REV. 0
DRIVING CAPACITIVE LOADS
Capacitive Load vs. Gain
Most amplifiers have difficulty driving capacitance due to degra-
dation of phase margin caused by additional phase lag from the
capacitive load. Higher capacitance at the output can increase the
amount of overshoot and ringing in the amplifier’s step response
and could even affect the stability of the device. The value of
capacitive load that an amplifier can drive before oscillation varies
with gain, supply voltage, input signal, temperature, among oth-
ers. Unity gain is the most challenging configuration for driving
capacitive load. However, the AD8631 offers reasonably good
capacitive driving ability. Figure 22 shows the AD8631’s ability to
drive capacitive loads at different gains before instability occurs.
This graph is good for all VSY.
GAIN – V/V
1M
10
10
2
46
8
10k
1k
100
9
35
7
1
UNSTABLE
STABLE
100k
Figure 22. Capacitive Load vs. Gain
In-the-Loop Compensation Technique for Driving
Capacitive Loads
When driving capacitance in low gain configuration, the in-the-loop
compensation technique is recommended to avoid oscillation as is
illustrated in Figure 23.
RF + RG
CF =1 +
ACL
1
RF
CLRO
[
[
RX =
RO RG
RF
WHERE RO = OPEN-LOOP OUTPUT RESISTANCE
AD8631
VIN
VOUT
RX
CL
CF
RF
RG
Figure 23. In-the-Loop Compensation Technique for
Driving Capacitive Loads
Snubber Network Compensation for Driving Capacitive Loads
As load capacitance increases, the overshoot and settling time
will increase and the unity gain bandwidth of the device will
decrease. Figure 24 shows an example of the AD8631 in a non-
inverting configuration driving a 10 k
Ω resistor and a 600 pF
capacitor placed in parallel, with a square wave input set to a
frequency of 90 kHz and unity gain.
TIME – 2 s/DIV
90kHz INPUT SIGNAL
AV = 1
C = 600pF
Figure 24. Driving Capacitive Loads without Compensation
By connecting a series R–C from the output of the device to
ground, known as the “snubber” network, this ringing and over-
shoot can be significantly reduced. Figure 25 shows the network
setup, and Figure 26 shows the improvement of the output
response with the “snubber” network added.
AD8631
VIN
VOUT
5V
RX
CX
CL
Figure 25. Snubber Network Compensation for Capacitive
Loads
TIME – 2 s/DIV
90kHz INPUT SIGNAL
AV = 1
C = 600pF
Figure 26. Photo of a Square Wave with the Snubber
Network Compensation
The network operates in parallel with the load capacitor, CL,
and provides compensation for the added phase lag. The actual
values of the network resistor and capacitor have to be empirically
determined. Table II shows some values of snubber network for
large capacitance load.


同様の部品番号 - AD8632ARM

メーカー部品番号データシート部品情報
logo
Guangdong Youtai Semico...
AD8632ARM UMW-AD8632ARM Datasheet
1Mb / 15P
   480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
More results

同様の説明 - AD8632ARM

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8631ART-REEL7 AD-AD8631ART-REEL7 Datasheet
159Kb / 12P
   1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
STMicroelectronics
TSX7192 STMICROELECTRONICS-TSX7192 Datasheet
702Kb / 25P
   Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
OP162 AD-OP162_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP262 AD-OP262_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP462 AD-OP462_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com