データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDT101AXNT26A10FG データシート(PDF) 2 Page - KOA Speer Electronics, Inc.

部品番号 SDT101AXNT26A10FG
部品情報  platinum thin film thermal sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KOA [KOA Speer Electronics, Inc.]
ホームページ  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDT101AXNT26A10FG データシート(HTML) 2 Page - KOA Speer Electronics, Inc.

  SDT101AXNT26A10FG Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDT101AXNT26A10FG Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SDT101
platinum thin film thermal sensors
Derating Curve
environmental applications
100
80
60
40
-60
Ambient Temperature
(˚C)
20
SDT101A
24
0
-40 -20 0 20 40 60 80 100120 140160 180 200 220240260280 300
-55
70
150
SDT101B
Resistance - Temperature Characteristic (Typical Value)
Performance Characteristics
Resistance
0°C
Within specified
tolerance
T.C.R.
0°C/ +100°C
Within specified
T.C.R.
Overload (Short Time)
Rated voltage x 2.5 for 5 seconds
±0.5%
Resistance to Solder Heat (SDT101A)
350°C, 1 second
±0.3%
Moisture Resistance
80°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1%
Endurance at 70°C
70°C ± 3°C (SDT101A), 200°C ± 3°C (SDT101B), 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1%
Rapid Change of Temperature
-55°C (30 minutes)/ +25°C (10 minutes)/ +150°C (30 minutes)/
+25°C (10 minutes), 5 cycles
±0.5%
Temperature
(°C)
-50
82.04
81.67
81.31
80.94
80.58
80.22
––
––
––
––
-40
85.66
85.29
84.93
84.57
84.21
83.85
83.49
83.12
82.76
82.40
-30
89.26
88.90
88.54
88.18
87.82
87.46
87.10
86.74
86.38
86.02
-20
92.85
92.49
92.13
91.78
91.42
91.06
90.70
90.34
89.98
89.62
-10
96.43
96.07
95.72
95.36
95.00
94.64
94.29
93.93
93.57
93.21
0
100.00
99.64
99.29
98.93
98.57
98.22
97.86
97.50
97.15
96.79
0
1
2
3
4
5
6
7
8
9
0
100.00 100.36 100.71 101.07 101.42 101.78 102.13 102.49 102.85 103.20
10
103.56 103.91 104.26 104.62 104.97 105.33 105.68 106.04 106.39 106.74
20
107.10 107.45 107.81 108.16 108.51 108.87 109.22 109.57 109.92 110.28
30
110.63 110.98 111.33 111.69 112.04
112.39 112.74 113.09 113.44 113.80
40
114.15 114.50 114.85 115.20 115.55
115.90 116.25 116.60 116.95 117.30
50
117.65 118.00 118.35 118.70 119.05
119.40 119.75 120.10 120.45 120.80
60
121.15 121.50 121.84 122.19 122.54 122.89 123.24 123.59 123.93 124.28
70
124.63 124.98 125.32 125.67 126.02 126.37 126.71 127.06 127.41 127.75
80
128.10 128.44 128.79 129.14 129.48 129.83 130.17 130.52 130.86 131.21
90
131.56 131.90 132.25 132.59 132.93 133.28 133.62 133.97 134.31 134.66
100
135.00 135.34 135.69 136.03 136.37 136.72 137.06 137.40 137.75 138.09
110
138.43 138.77 139.12 139.46 139.80 140.14 140.49 140.83 141.17 141.51
120
141.85 142.19 142.53 142.88 143.22 143.56 143.90 144.24 144.58 144.92
130
145.26 145.60 145.94 146.28 146.62 146.96 147.30 147.64 147.98 148.32
140
148.65 148.99 149.33 149.67 150.01 150.35 150.69 151.02 151.36 151.70
150
152.04 152.38 152.71 153.05 153.39 153.72 154.06 154.40 154.74 155.07
160
155.41 155.74 156.08 156.42 156.75 157.09 157.43 157.76 158.10 158.43
170
158.77 159.10 159.44 159.77 160.11 160.44 160.78 161.11 161.44 161.78
180
162.11 162.45 162.78 163.11 163.45 163.78 164.11 164.45 164.78 165.11
190
165.45 165.78 166.11 166.44 166.78 167.11 167.44 167.77 168.10 168.44
200
168.77 169.10 169.43 169.76 170.09 170.42 170.76 171.09 171.42 171.75
210
172.08 172.41 172.74 173.07 173.40 173.73 174.06 174.39 174.72 175.04
220
175.37 175.70 176.03 176.36 176.69 177.02 177.35 177.67 178.00 178.33
230
178.99 178.99 179.31 179.64 179.97 180.30 180.62 180.95 181.28 181.60
240
181.93 182.26 182.58 182.91 183.24 183.56 183.89 184.21 184.54 184.87
250
185.19 185.52 185.84 186.17 186.49 186.82 187.14 187.47 187.79 188.11
260
188.44 188.76 189.09 189.41 189.73 190.06 190.38 190.70 191.03 191.35
270
191.67 192.00 192.32 192.64 192.96 193.29 193.61 193.93 194.25 194.57
280
194.90 195.22 195.54 195.86 196.18 196.50 196.82 197.14 197.47 197.79
290
198.11 198.43 198.75 199.07 199.39 199.71 200.03 200.35 200.67 200.99
300
201.31
––
––
––
––
––
––
––
––
––
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
High Temperature Exposure
+150°C (SDT101A), +300°C (SDT101B), 1000 hours
±1%
Shelf Life
Left for 1 year on shelf in natural condition
±0.3%
––
––
±0.2%
±0.1%
±0.3%
±0.2%
±0.2%
±0.7%
±0.1%
Example of Temperature
Characteristics of Resistance
2.0
1.6
50
100
200
250
300
Ambient Temperature
(°C)
0
0
1.8
1.4
1.2
150
1,350
Note: Desired temperature values are obtained by adding temperatures in the vertical and horizontal axes. When calculating a
resistance value of 105°C, read the value in the column where 100°C in the vertical axis and 5°C in the horizontal axis
cross. The value will be 136.72Ω. The value for 500Ω at 0°C will be the value obtained by multiplying the resistance value
in this table by 5. Similarly, the value for 10Ω at 0°C will be the value obtained by dividing the resistance value by 10.
Parameter
Requirement ∆ R ±(%+0.05Ω)
Limit
Typical
Test Method
173
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/19/12
Approximate Expression for Resistance-Temperature
Characteristics
R
T: Resistance value at T°C
R
0: Resistance value at 0°C
T: Ambient temperature (°C)
Constants C1, C2:
C
1=0.356297x10
-2
C
2=0.617945x10
-6
For sensors operated at an ambient temperature or
above, a power rating shall be derated in accordance
with the above derating curve.


同様の部品番号 - SDT101AXNT26A10FG

メーカー部品番号データシート部品情報
logo
KOA Speer Electronics, ...
SDT101AXNT26A10FG KOA-SDT101AXNT26A10FG Datasheet
92Kb / 2P
   platinumthin film thermal sensors
More results

同様の説明 - SDT101AXNT26A10FG

メーカー部品番号データシート部品情報
logo
KOA Speer Electronics, ...
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
SDT3102BLTC100B3850 KOA-SDT3102BLTC100B3850 Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
SDT310HCTP KOA-SDT310HCTP Datasheet
247Kb / 2P
   small type platinum thin film thermal sensors (narrow)
SDT73V2BTTE100F385 KOA-SDT73V2BTTE100F385 Datasheet
340Kb / 2P
   platinum thin film thermal chip sensors (for automotive)
logo
Honeywell Solid State E...
HEL-700 HONEYWELL-HEL-700_V01 Datasheet
823Kb / 7P
   Thin Film Platinum RTDs
June 2014
logo
KOA Speer Electronics, ...
LP731J KOA-LP731J Datasheet
87Kb / 2P
   thin film resistance thermal chip sensors
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
   THIN-FILM PLATINUM TEMPERATURE SENSOR
logo
OSRAM GmbH
LRW5SN OSRAM-LRW5SN Datasheet
618Kb / 17P
   Platinum DRAGON Enhanced thin film LED
logo
TT Electronics.
PTS TTELEC-PTS Datasheet
273Kb / 2P
   High stability thin film Platinum sensor
logo
TE Connectivity Ltd
PTF TEC-PTF Datasheet
350Kb / 8P
   Platinum Thin Film (PTF) Temperature Elements
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com