データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX25836 データシート(PDF) 1 Page - Synaptics Incorporated.

部品番号 CX25836
部品情報  YPbPr component video input
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CONEXANT [Synaptics Incorporated.]
ホームページ  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX25836 データシート(HTML) 1 Page - Synaptics Incorporated.

  CX25836 Datasheet HTML 1Page - Synaptics Incorporated. CX25836 Datasheet HTML 2Page - Synaptics Incorporated. CX25836 Datasheet HTML 3Page - Synaptics Incorporated. CX25836 Datasheet HTML 4Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
video
Sideport Video Decoders
Distinguishing Features
• Integrated NTSC/PAL/SECAM
video decoding
• Auto detection and configuration
for video
• Two 10 bit A/D
• YPbPr component video input
• Ease of Use
• 12mm X 12mm 80-pin TQFP
• 7mm X 7mm 64-pin TQFP
• CCIR 656/601/VIP
• Integrated anti-alias filter
• On-chip voltage regulator
high performance in a small package
Conexant’s broadband communications portfolio includes a comprehensive
suite of semiconductor solutions that enable the digital home and information
network. The CX25836/7 is Conexant’s fourth-generation video decoding
solution. It provides a highly integrated single-chip analog video capture
solution ideal for a wide range of digital video systems applications.
The CX25836/7 features, although applicable to a wide range of analog video
applications, are focused on both the security and consumer electronics
markets. Most notably, CX25836’s fast camera locking capabilities and flexible
programmable inputs make it most suitable for the security camera market.
The CX25837, with its ability to decode Composite Video Baseband Signal
(CVBS), S-Video, and YPbPr, is best suited to address the wide array
of consumer electronics requirements. Both devices are distinguished by high
quality, flexibility, integration, and ease of use. Both fit into a wide array of
applications: set-top-boxes, flat panel displays (such as LCD and Plasma TVs),
HDTVs, and PVRs/DVRs.
High Quality
The CX25836/7 integrates two high-performance 10-bit ADCs and provides a
full 10-bit data path through the video decoder to maintain optimum end-to-
end video quality. Eight video inputs provide flexible analog muxing that can
be configured for any of the following:
• Eight CVBS inputs
• Four Y/C inputs
• Three composite with one Y/C and one YPbPr
• One composite with two Y/C and one YPbPr
• Two composite with two YPbPr (CX25837 only)
The CX25837 uses its high quality Analog-to-Digital Converter (ADC) to
sample the YPbPr video format, which is most often found on prosumer
(intermediate to advanced end user) type equipment. Simultaneous
digitization of Pb and Pr, through the 10-bit chrominance A/D, is used to
offer this feature cost effectively yet yield the highest quality.
part number
CX25836/7
description
Sideport Video Decoder
Sideport Video Decoder
CX25836/7


同様の部品番号 - CX25836

メーカー部品番号データシート部品情報
logo
Synaptics Incorporated.
CX25834 CONEXANT-CX25834 Datasheet
730Kb / 4P
   Supports NTSC/PAL/SECAM video input
CX25838 CONEXANT-CX25838 Datasheet
202Kb / 2P
   8-Channel Audio/Video Decoder for Surveillance Systems
More results

同様の説明 - CX25836

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
logo
Vishay Siliconix
DG894 VISHAY-DG894 Datasheet
100Kb / 10P
   Component Video Selector
Rev. D, 06-Sep-99
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
logo
Analog Devices
AD7183 AD-AD7183 Datasheet
463Kb / 40P
   Advanced Video Decoder with 10-Bit ADC and Component Input Support
logo
NXP Semiconductors
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
National Semiconductor ...
LMH1251 NSC-LMH1251 Datasheet
614Kb / 10P
   YPBPR to RGB Decoder and 2:1 Video Switch
logo
Texas Instruments
LMH1251MTX TI-LMH1251MTX Datasheet
730Kb / 19P
[Old version datasheet]   YPBPR to RGBHV Converter and 2:1 Video Switch
logo
Maxim Integrated Produc...
MAX7449 MAXIM-MAX7449_V01 Datasheet
264Kb / 6P
   3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 1; 4/06
logo
Renesas Technology Corp
TW9912 RENESAS-TW9912 Datasheet
183Kb / 2P
   NTSC/PAL/SECAM Video Decoder with Component Input and Progressive Output Support
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com