データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL37231 データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL37231
部品情報  10.3125 Gb/s Retiming Dual-Channel Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37231 データシート(HTML) 8 Page - Intersil Corporation

  ISL37231 Datasheet HTML 1Page - Intersil Corporation ISL37231 Datasheet HTML 2Page - Intersil Corporation ISL37231 Datasheet HTML 3Page - Intersil Corporation ISL37231 Datasheet HTML 4Page - Intersil Corporation ISL37231 Datasheet HTML 5Page - Intersil Corporation ISL37231 Datasheet HTML 6Page - Intersil Corporation ISL37231 Datasheet HTML 7Page - Intersil Corporation ISL37231 Datasheet HTML 8Page - Intersil Corporation ISL37231 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ISL37231
8
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8266.1
January 25, 2013
For additional products, see www.intersil.com/product_tree
About Q:ACTIVE® Technology
Intersil has long realized that to enable the complex server
clusters of next generation data centers, it is critical to manage
the signal integrity issues of electrical interconnects. To address
this, Intersil has developed its groundbreaking Q:ACTIVE®
product line. By integrating its analog ICs inside cabling
interconnects, Intersil is able to achieve unsurpassed
improvements in reach, power consumption, latency, and cable
gauge size as well as increased airflow in tomorrow’s data
centers. This new technology transforms passive cabling into
intelligent “roadways” that yield lower operating expenses and
capital expenditures for the expanding datacenter.
Intersil Lane Extenders allow greater reach over existing cabling
while reducing the need for thicker cables. This significantly
reduces cable weight and clutter, increases airflow, and improves
power consumption.
About Intersil
Intersil Corporation is a leader in the design and manufacture of high-performance analog, mixed-signal and power management
semiconductors. The company's products address some of the fastest growing markets within the industrial and infrastructure,
personal computing and high-end consumer markets. For more information about Intersil or to find out how to become a member of
our winning team, visit our website and career page at www.intersil.com.
For a complete listing of Applications, Related Documentation and Related Parts, please see the respective product information page.
Also, please check the product information page to ensure that you have the most updated datasheet: ISL37231
To report errors or suggestions for this datasheet, please go to: www.intersil.com/askourstaff
Reliability reports are available from our website at: http://rel.intersil.com/reports/search.php
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest revision.
DATE
REVISION
CHANGE
January 17, 2013
FN8266.1
Changed TYP values for “IDD1” on page 6.
December 19, 2012
FN8266.0
Initial release


同様の部品番号 - ISL37231

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL37200M-CD INTERSIL-ISL37200M-CD Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
More results

同様の説明 - ISL37231

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
   Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
Optoway Technology Inc
SPB-9805RG_2015 OPTOWAY-SPB-9805RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
logo
Finisar Corporation.
FTLF8528P3BNV FINISAR-FTLF8528P3BNV Datasheet
777Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
logo
Optoway Technology Inc
SPB-97120R-1590G OPTOWAY-SPB-97120R-1590G_15 Datasheet
184Kb / 5P
   3.2 Gb/s Single-Fiber SFP Transceiver
logo
Finisar Corporation.
FTLF8528P2BNV FINISAR-FTLF8528P2BNV Datasheet
745Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
FTLF8526P3BNL FINISAR-FTLF8526P3BNL Datasheet
762Kb / 12P
   6.1 Gb/s Short-Wavelength SFP Transceiver
logo
Optoway Technology Inc
SPB-97120R-1510G_2015 OPTOWAY-SPB-97120R-1510G_2015 Datasheet
224Kb / 5P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9840RG_2015 OPTOWAY-SPB-9840RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9920RG_2015 OPTOWAY-SPB-9920RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9740RG_2015 OPTOWAY-SPB-9740RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com