データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34262 データシート(PDF) 11 Page - ON Semiconductor

部品番号 MC34262
部品情報  Power Factor Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262 データシート(HTML) 11 Page - ON Semiconductor

Back Button MC34262_11 Datasheet HTML 7Page - ON Semiconductor MC34262_11 Datasheet HTML 8Page - ON Semiconductor MC34262_11 Datasheet HTML 9Page - ON Semiconductor MC34262_11 Datasheet HTML 10Page - ON Semiconductor MC34262_11 Datasheet HTML 11Page - ON Semiconductor MC34262_11 Datasheet HTML 12Page - ON Semiconductor MC34262_11 Datasheet HTML 13Page - ON Semiconductor MC34262_11 Datasheet HTML 14Page - ON Semiconductor MC34262_11 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MC34262, MC33262
http://onsemi.com
11
0.01
C2
Multiplier
7.5k
R3
11k
R1
3
1
+
+
220
C3
100
C4
13V/
8.0V
MTP
8N50E
Q1
2.2M
R5
Figure 20. 80 W Power Factor Controller
+
+
+
RFI
Filter
C5
D4
D3
D2
D1
6.7V
Zero Current
Detector
VO
T
UVLO
Current Sense
Comparator
RS
Latch
1.2V
1.6V/
1.4V
36V
2.5V
Reference
16V
10
Drive
Output
10
Timer
Delay
92 to
138 Vac
1
22k
R4
100k
R6
1N4934
D6
1.0M
R2
0.1
R7
4
7
8
5
6
2
MUR130
D5
R
230V/
0.35A
0.68
C1
1.5V
Error Amp
Overvoltage
Comparator
+
1.08 Vref
+
Vref
Quickstart
10
mA
10pF
20k
Power Factor Controller Test Data
AC Line Input
DC Output
Current Harmonic Distortion (% Ifund)
Vrms
Pin
PF
Ifund
THD
2357
VO(pp)
VO
IO
PO
h(%)
90
85.9
0.999
0.93
2.6
0.08
1.6
0.84
0.95
4.0
230.7
0.350
80.8
94.0
100
85.3
0.999
0.85
2.3
0.13
1.0
1.2
0.73
4.0
230.7
0.350
80.8
94.7
110
85.1
0.998
0.77
2.2
0.10
0.58
1.5
0.59
4.0
230.7
0.350
80.8
94.9
120
84.7
0.998
0.71
3.0
0.09
0.73
1.9
0.58
4.1
230.7
0.350
80.8
95.3
130
84.4
0.997
0.65
3.9
0.12
1.7
2.2
0.61
4.1
230.7
0.350
80.8
95.7
138
84.1
0.996
0.62
4.6
0.16
2.4
2.3
0.60
4.1
230.7
0.350
80.8
96.0
= Coilcraft N2881−A
Primary: 62 turns of # 22 AWG
Secondary: 5 turns of # 22 AWG
Core: Coilcraft PT2510, EE 25
Gap: 0.072″ total for a primary inductance (LP) of 320 mH
= AAVID Engineering Inc. 590302B03600, or 593002B03400
T
Heatsink
This data was taken with the test set−up shown in Figure 25.


同様の部品番号 - MC34262_11

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
More results

同様の説明 - MC34262_11

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com