データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJE5851 データシート(PDF) 6 Page - Motorola, Inc

部品番号 MJE5851
部品情報  8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE5851 データシート(HTML) 6 Page - Motorola, Inc

  MJE5851 Datasheet HTML 1Page - Motorola, Inc MJE5851 Datasheet HTML 2Page - Motorola, Inc MJE5851 Datasheet HTML 3Page - Motorola, Inc MJE5851 Datasheet HTML 4Page - Motorola, Inc MJE5851 Datasheet HTML 5Page - Motorola, Inc MJE5851 Datasheet HTML 6Page - Motorola, Inc MJE5851 Datasheet HTML 7Page - Motorola, Inc MJE5851 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MJE5850 MJE5851 MJE5852
6
Motorola Bipolar Power Transistor Device Data
The Safe Operating Area figures shown in Figures 12 and 13 are
specified for these devices under the test conditions shown.
7.0
0
1.0
100
300
500
3.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
5 ms
100
µs
dc
20
7.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.05
10
400
5.0
2.0
10
1.0
0.2
0.1
BONDING WIRE LIMIT
THERMAL LIMIT
(SINGLE PULSE)
SECOND BREAKDOWN LIMIT
20
40
70 100
Figure 12. Maximum Forward Bias
Safe Operating Area
TC = 25°C
Figure 13. RBSOA, Maximum Reverse Bias
Safe Operating Area
0.5
0.02
300
200
400
500
IC/IB = 4
VBE(off) = 2 V to 8 V
TJ = 100°C
MJE5850
MJE5851
MJE5852
8.0
2.0
4.0
6.0
MJE5850
MJE5851
MJE5852
200
1 ms
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 12 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% but must be derated
when TC ≥ 25_C. Second breakdown limitations do not der-
ate the same as thermal limitations. Allowable current at the
voltages shown on Figure 12 may be found at any case tem-
perature by using the appropriate curve on Figure 15.
TJ(pk) may be calculated from the data in Figure 11. At high
case temperatures, thermal limitations will reduce the power
that can be handled to values less than the limitations im-
posed by second breakdown.
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn–off, in most cases, with
the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping,
RC snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage–current condition allowable dur-
ing reverse biased turn–off. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 13 gives the RBSOA character-
istics.
Figure 14. Peak Reverse Base Current
Figure 15. Forward Bias Power Derating
IC = 4 A
IB1 = 1 A
TJ = 25°C
TC, CASE TEMPERATURE (°C)
0
40
120
160
0.6
SECOND BREAKDOWN
DERATING
1
0.8
0.4
0.2
60
100
140
80
THERMAL
DERATING
20
0
1.0
2
6
8
2.5
3.5
3.0
2.0
1.5
4
VBE(off), BASE–EMITTER VOLTAGE (VOLTS)


同様の部品番号 - MJE5851

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJE5851 ONSEMI-MJE5851 Datasheet
302Kb / 8P
   PNP SILICON POWER TRANSISTORS
1995
MJE5851 ONSEMI-MJE5851 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE5851 NJSEMI-MJE5851 Datasheet
114Kb / 3P
   SWITCHMODE Series PNP Silicon Power Transistors
logo
ON Semiconductor
MJE5851G ONSEMI-MJE5851G Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
MJE5851G ONSEMI-MJE5851G Datasheet
104Kb / 8P
   Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
More results

同様の説明 - MJE5851

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
Motorola, Inc
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
   1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJE350 MOTOROLA-MJE350 Datasheet
124Kb / 4P
   0.5 AMPERE POWER TRANSISTOR PNP SILICON 300 VOLTS 20 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com