データシートサーチシステム |
|
ADDS-2111-EZ-LAB データシート(PDF) 5 Page - Analog Devices |
|
ADDS-2111-EZ-LAB データシート(HTML) 5 Page - Analog Devices |
5 / 16 page ADDS-21xx-TOOLS REV. B –5– SIMULATORS There is a simulator for each ADSP-2100 Family processor that provides instruction-level simulation of program execution. The Simulator models system memory and I/O according to the contents of the system architecture file, and provides windows to display different portions of the target system hardware. The Graphical User Interface (GUI) lets system designers inter- actively observe and alter register and memory contents, providing a powerful debug environment. Simulator commands can be entered from the mouse or keyboard. Features offered by the ADSP-2100 Family Simulators include the following: • Program and Data Memory Simulation • Memory-Mapped I/O Port Simulation • Interrupt Simulation • Program Booting (from PROM or host processor) Simulation • Code Execution Pattern Profiling for Program Optimization • On-Line Help • Reconfigurable Windows • Same User Interface as EZ-ICE Emulators CBUG C SOURCE-LEVEL DEBUGGER The Simulators are seamlessly integrated with the CBUG C source-level debugger. CBUG supports the following operations: • Run, Step, Next, and Finish Program Execution Commands • C Source Code Breakpoints • Local and Global Variable Display with Auto Refresh Examines Value of Variables at Previously Executed Instructions • Symbol Look-Up List of Demos Filter Echo Canceller ADPCM 7.8 kbs LPC 2.4 kbs LPC Exit App DTNF File View Demo Loading Options Help EZ-KIT Lite - Monitor P D D P ? Ready Figure 1. EZ-KIT Lite Monitor Software HARDWARE TOOLS EZ-KIT Lite The ADSP-21xx EZ-KIT Lite is a low-cost, easy to use development platform on which you can quickly get started with your ADSP-2100 Family based DSP software design. The EZ- KIT Lite is a complete development system package that includes: • ADDS-2181 EZ-LAB Board • MS-Windows 3.1 Based Monitor Software • Development Software Kit (upgradable to complete ADSP- 2100 Family Development Software package for full-featured development of final systems) • Demo Programs - Digital Filtering - Speech Compression - FFT - Echo Cancellation - DTMF Tone Generation - MPEG Audio Playback The EZ-Kit Lite uses the ADDS-2181 EZ-LAB as a development platform on which you can develop software applications for any of the ADSP-2100 Family DSPs. This is possible because the ADSP-2181 represents a superset of the features of the ADSP-2101/2105/2111/2115/2171 processors. With the ADSP-2181’s 32K words of on-chip RAM, there is no need for additional RAM devices on the EZ-LAB board. The board simply requires connection to power, an analog input source, and amplified speakers to be able to run audio applications and demos. The EZ-LAB board can run in a stand-alone mode, or it can be connected to the RS-232 port of your PC. A Windows-based monitor program lets you interactively download programs and interrogate the ADSP-2181 (see Figure 1). The board comes with a socketed EPROM so that you can run the monitor program or demonstrations provided—or you can plug in an EPROM containing your own code. |
同様の部品番号 - ADDS-2111-EZ-LAB |
|
同様の説明 - ADDS-2111-EZ-LAB |