データシートサーチシステム |
|
ADDS-2171-EZ-ICE-P データシート(PDF) 2 Page - Analog Devices |
|
ADDS-2171-EZ-ICE-P データシート(HTML) 2 Page - Analog Devices |
2 / 16 page REV. B –2– ADDS-21xx-TOOLS SIMULATOR Features Reconfigurable GUI (Graphical User Interface) Supports Full Symbolic Disassembly and On-Line Assembly Provides Breakpoint and Single-Step Execution Includes CBUG™ C Source-Level Debugger as Integrated Tool Supports Multiple Break Conditions Provides Full View of All Processor Registers and Memory for Direct Modification of Contents Profiles Code Execution History Uses Data Files to Simulate Parallel I/O Ports, Serial Ports, HIPs, and Analog I/O Interface Plots Data Memory Graphically G21 OPTIMIZING C COMPILER & C RUNTIME LIBRARY Compliant with ANSI C Standards Includes C-Callable Library of ANSI-Standard and DSP Functions Supports In-Line Assembly Code Using asm () Construct Incorporates Optimizing Algorithms Generates Reliable and ROM-able Code Simplifies Interrupt Handling via Library Functions Provides Support for Heap Memory Management Supports Switches Used by the ADSP-21000 Family G21K Floating Point C Compiler Supports Float Type IEEE-Single Precision Math Routines CBUG C SOURCE-LEVEL DEBUGGER Supports Single Step Execution Supports Breakpoints Integrated with Simulators and EZ-ICE Emulators DEVELOPMENT HARDWARE TOOLS EZ-LAB® EVALUATION BOARD Complete Hardware Platform with Memory and I/O Preprogrammed with DSP Demo Programs Contains Audio/Voice I/O Port with Microphone Input and Powered Output for Speaker Memory Expansion and I/O from Bus Expansion Connector Serial Port Interface via SPORT Connector EZ-KIT STARTER PACKAGES Complete Hardware and Software Development Kit Includes an EZ-LAB Evaluation Board and ADSP-2100 Family Assembler/Linker and Simulator Software for IBM PC EZ-KIT LITE Low Cost Development System Including Hardware and Software MS Windows 3.1 Based Monitor Includes a Variety of Demonstration Programs with Source Code Development Platform for all ADSP-21xx Processors Audio Input/Output and Expansion Connectors EZ-ICE® EMULATOR Performs Full-Speed, In-Circuit Emulation of ADSP-21xx Target Systems Software Uses Same GUI (Graphical User Interface) as Simulator for Easier Debugging Control Single-Step Capability Stand Alone Operation for Software Debugging Upload/Download Memory with IBM PC 3-VOLT EMULATION CONVERTER BOARD Used with the ADSP-2101 EZ-ICE to Enable Emulation with an ADSP-2103 (3 V) Target System CBUG is a trademark of Analog Devices, Inc. EZ-ICE and EZ-LAB are registered trademarks of Analog Devices, Inc |
同様の部品番号 - ADDS-2171-EZ-ICE-P |
|
同様の説明 - ADDS-2171-EZ-ICE-P |