データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST336RAA680GLZ データシート(PDF) 1 Page - Coilcraft lnc.

部品番号 ST336RAA680GLZ
部品情報  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST336RAA680GLZ データシート(HTML) 1 Page - Coilcraft lnc.

  ST336RAA680GLZ Datasheet HTML 1Page - Coilcraft lnc. ST336RAA680GLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
ChipInductorsforCriticalApplicationsST336RAA
0805 CHIP INDUCTORS
Document ST100-1 Revised 11/06/12
The ST336RAA inductors provide exceptional Q values,
even at high frequencies.They have a ceramic body and
Inductance2
Percent
SRF min4 DCR max5
Imax
Color
Part number1
(nH)
tolerance
Q min3
(MHz)
(Ohms)
(mA)
code
ST336RAA020JLZ
2.8 @ 250 MHz
5
57 @ 1000 MHz
5000
0.06
800
Gray
ST336RAA3N0JLZ
3.0 @ 250 MHz
5
61 @ 1000 MHz
5000
0.06
800
White
ST336RAA030JLZ
3.3 @ 250 MHz
5
48 @ 1000 MHz
5000
0.08
600
Black
ST336RAA050JLZ
5.6 @ 250 MHz
5
75 @ 1000 MHz
4760
0.08
600
Orange
ST336RAA060JLZ
6.8 @ 250 MHz
5
54 @ 1000 MHz
4440
0.11
600
Brown
ST336RAA070JLZ
7.5 @ 250 MHz
5
56 @ 1000 MHz
3840
0.14
600
Green
ST336RAA080_LZ
8.2 @ 250 MHz
5,2
63 @ 1000 MHz
3560
0.12
600
Red
ST336RAA100_LZ
10 @ 250 MHz
5,2
57 @ 500 MHz
3460
0.10
600
Blue
ST336RAA120_LZ
12 @ 250 MHz
5,2
46 @ 500 MHz
3180
0.15
600
Orange
ST336RAA150_LZ
15 @ 250 MHz
5,2
41 @ 500 MHz
2560
0.17
600
Yellow
ST336RAA180_LZ
18 @ 250 MHz
5,2
48 @ 500 MHz
2480
0.20
600
Green
ST336RAA220_LZ
22 @ 250 MHz
5,2
59 @ 500 MHz
2080
0.22
500
Blue
ST336RAA240_LZ
24 @ 250 MHz
5,2
59 @ 500 MHz
1920
0.22
500
Gray
ST336RAA270_LZ
27 @ 250 MHz
5,2
56 @ 500 MHz
2060
0.25
500
Violet
ST336RAA330_LZ
33 @ 250 MHz
5,2,1
64 @ 500 MHz
1720
0.27
500
Gray
ST336RAA360_LZ
36 @ 250 MHz
5,2,1
57 @ 500 MHz
1520
0.27
500
Orange
ST336RAA390_LZ
39 @ 250 MHz
5,2,1
44 @ 250 MHz
1600
0.29
500
White
ST336RAA430_LZ
43 @ 200 MHz
5,2,1
45 @ 250 MHz
1440
0.34
500
Yellow
ST336RAA470_LZ
47 @ 200 MHz
5,2,1
44 @ 250 MHz
1360
0.31
470
Black
ST336RAA560_LZ
56 @ 200 MHz
5,2,1
49 @ 250 MHz
1280
0.34
460
Brown
ST336RAA680_LZ
68 @ 200 MHz
5,2,1
52 @ 250 MHz
1200
0.38
440
Red
ST336RAA820_LZ
82 @ 150 MHz
5,2,1
51 @ 250 MHz
1060
0.42
400
Orange
ST336RAA910_LZ
91 @ 150 MHz
5,2,1
49 @ 250 MHz
1060
0.48
390
Black
ST336RAA101_LZ
100 @ 150 MHz
5,2,1
54 @ 250 MHz
1000
0.46
390
Yellow
ST336RAA111_LZ
110 @ 150 MHz
5,2
38 @ 250 MHz
880
0.48
390
Brown
ST336RAA121_LZ
120 @ 150 MHz
5,2,1
52 @ 250 MHz
880
0.51
380
Green
ST336RAA151_LZ
150 @ 100 MHz
5,2,1
33 @ 100 MHz
730
0.56
340
Blue
ST336RAA181_LZ
180 @ 100 MHz
5,2,1
37 @ 100 MHz
730
0.64
340
Violet
ST336RAA221_LZ
220 @ 100 MHz
5,2
36 @ 100 MHz
650
0.70
330
Gray
ST336RAA241_LZ
240 @ 100 MHz
5,2
36 @ 100 MHz
610
1.00
270
Red
ST336RAA271_LZ
270 @ 100 MHz
5,2
36 @ 100 MHz
580
1.00
260
White
ST336RAA331_LZ
330 @ 100 MHz
5,2
36 @ 100 MHz
520
1.40
230
Black
ST336RAA391_LZ
390 @ 100 MHz
5,2
34 @ 100 MHz
480
1.50
210
Brown
1. When ordering, specify
tolerance, termination and testing codes:
ST336RAA821GLZ
Tolerance:
F = 1% G = 2% J = 5%
Termination: L = RoHS compliant silver-palladium-platinum glass frit.
Special order:
S = Tin-lead (63/37) over silver-platinum-glass frit.
T = Tin-silver-copper (95.5/4/0.5) over silver-platinum-
glass frit.
P = Tin-lead (63/37) over tin over nickel over silver-
platinum-glass frit.
Q = Tin-silver-copper (95.5/4/0.5) over tin over nickel
over silver-platinum-glass frit.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
wire wound construction to provide the highest SRFs
available in 0805 size.
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286A impedance analyzer or equivalent with Coilcraft-provided cor-
relation pieces.
3. Q measured using an Agilent/HP 4291A with an Agilent/HP 16197A
test fixture or equivalents.
4. SRF measured on an Agilent 8753ES or equivalent with a Coilcraft
CCF1297 test fixture.
5. DCR measured on a Keithley micro-ohmmeter or equivalent and a
Coilcraft CCF858 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


同様の部品番号 - ST336RAA680GLZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ST336RAB COILCRAFT-ST336RAB Datasheet
220Kb / 2P
   Chip Inductors for Critical Applications
ST336RAD COILCRAFT-ST336RAD Datasheet
174Kb / 2P
   Chip Inductors for Critical Applications
ST336RAD12NJLZ COILCRAFT-ST336RAD12NJLZ Datasheet
174Kb / 2P
   Chip Inductors for Critical Applications
ST336RAD16N_LZ COILCRAFT-ST336RAD16N_LZ Datasheet
174Kb / 2P
   Chip Inductors for Critical Applications
ST336RAD18N_LZ COILCRAFT-ST336RAD18N_LZ Datasheet
174Kb / 2P
   Chip Inductors for Critical Applications
More results

同様の説明 - ST336RAA680GLZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com