データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74477450082 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74477450082
部品情報  POWER CHOKE WE-PD2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74477450082 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74477450082 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74477450082 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74477450082 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
6,10 ± 0,1
mm
B
8,00 ± 0,1
mm
+ 0,1
- 0,0
E
2,00 ± 0,05
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
5,50 ± 0,05
mm
I
5,50 ± 0,1
mm
J
2,30 ± 0,1
mm
T
0,35 ± 0,05
mm
W
12,0 ± 0,3
mm
a
330,0 ± 0,5
mm
b
21,0 ± 0,8
mm
+ 0,5
- 1,0
d
100,0 ± 1,0
mm
ME
09-05-19
ME
07-04-21
Name
Datum / date
Unterschrift / signature
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
mm
13,00
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
..................................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
Datum / date
C
1,50
Spezifikation für Freigabe / specification for release
Kunde / customer :
POWER CHOKE WE-PD2
DATUM / DATE : 2009-05-19
Artikelnummer / part number :
74477450082
SMD-SPEICHERDROSSEL WE-PD2
mm
mm
1,50
D
min.
Änderung / modification
Version 1
Version 2
c
Ø c
a
d
b
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the
possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention,
medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which
is used in electrical circuits that require high safety and reliability functions or performance.
I
T
J
øD
W
H
G
C
B
A
E
F
LF
SEITE 3 VON 3


同様の部品番号 - 74477450082

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74477450012 WURTH-74477450012 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477450012 WURTH-74477450012_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
74477450027 WURTH-74477450027 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477450027 WURTH-74477450027_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
74477450056 WURTH-74477450056 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
More results

同様の説明 - 74477450082

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7447745039 WURTH-7447745039 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477420 WURTH-74477420 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
74477620 WURTH-74477620 Datasheet
158Kb / 3P
   POWER-CHOKE WE-PD2
744773039 WURTH-744773039 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744773127 WURTH-744773127 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744775118 WURTH-744775118 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775147 WURTH-744775147 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775210 WURTH-744775210 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744776012 WURTH-744776012 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD2
744776056 WURTH-744776056 Datasheet
133Kb / 3P
   POWER-CHOKE WE-PD2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com