データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST336RAA111JLZ データシート(PDF) 2 Page - Coilcraft lnc.

部品番号 ST336RAA111JLZ
部品情報  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST336RAA111JLZ データシート(HTML) 2 Page - Coilcraft lnc.

  ST336RAA111JLZ Datasheet HTML 1Page - Coilcraft lnc. ST336RAA111JLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
ST336RAASeries(0805)
0805 CHIP INDUCTORS
Typical Q vs Frequency
Typical L vs Frequency
A max B max C max D ref
E
F
G
H
I
J
0.090 0.068 0.060 0.020 0.050 0.020 0.040 0.070 0.040 0.030
2,29
1,73
1,52
0,51
1,27
0,51
1,02
1,78
1,02
0,76
1
10
100
1000
10
100
1000
Frequency (MHz)
220 nH
100 nH
39 nH
15 nH
3.3 nH
Current Derating
Core material Ceramic
Terminations Silver-palladium-platinum-glass frit. Other termina-
tions available at additional cost.
Ambient temperature –40°C to +125°C with Imax current, +125°C
to +140°C with derated current
Storage temperature Component: –55°C to +140°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 2000 per 7
″ reel Plastic tape: 8 mm wide, 0.23 mm
thick, 4 mm pocket spacing, 1.65 mm pocket depth
Note: Dimensions are before optional solder application. For maximum
overall dimensions including solder, add 0.0025 in / 0,064 mm to
B
and 0.006 in / 0,15 mm to
A and C.
12 nH
6.8 nH
3.3 nH
22 nH
39 nH
68 nH
120 nH
270 nH
10
100
Frequency (MHz)
1000
10,000
100
90
80
70
60
50
40
30
20
10
0
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
I
I
Suggested
Land Pattern
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Document ST100-2 Revised 11/06/12


同様の部品番号 - ST336RAA111JLZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ST336RAB COILCRAFT-ST336RAB Datasheet
220Kb / 2P
   Chip Inductors for Critical Applications
ST336RAD COILCRAFT-ST336RAD Datasheet
174Kb / 2P
   Chip Inductors for Critical Applications
ST336RAD12NJLZ COILCRAFT-ST336RAD12NJLZ Datasheet
174Kb / 2P
   Chip Inductors for Critical Applications
ST336RAD16N_LZ COILCRAFT-ST336RAD16N_LZ Datasheet
174Kb / 2P
   Chip Inductors for Critical Applications
ST336RAD18N_LZ COILCRAFT-ST336RAD18N_LZ Datasheet
174Kb / 2P
   Chip Inductors for Critical Applications
More results

同様の説明 - ST336RAA111JLZ

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com