データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM237L データシート(PDF) 7 Page - Analog Devices

部品番号 ADM237L
部品情報  5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM237L データシート(HTML) 7 Page - Analog Devices

Back Button ADM237L Datasheet HTML 3Page - Analog Devices ADM237L Datasheet HTML 4Page - Analog Devices ADM237L Datasheet HTML 5Page - Analog Devices ADM237L Datasheet HTML 6Page - Analog Devices ADM237L Datasheet HTML 7Page - Analog Devices ADM237L Datasheet HTML 8Page - Analog Devices ADM237L Datasheet HTML 9Page - Analog Devices ADM237L Datasheet HTML 10Page - Analog Devices ADM237L Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM223/ADM230L–ADM241L
–7–
REV. 0
T1IN
ADM236L
SD
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1OUT
GND
8
T2IN
T3IN
T4IN
T2OUT
T3OUT
T4OUT
T3
19
6
7
18
21
3
1
2
24
T4
T2
T1
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
R1IN
R2IN
R3IN
R1OUT
R2OUT
R3OUT
R3
R2
R1
20
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
EN
16
4
23
17
22
5
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
14
13
12
10
15
11
1µF
6.3V
+5V INPUT
VCC
V+
V–
C1+
C1–
C2+
C2–
1µF
6.3V
1µF
16V
1µF
16V
9
1µF
Figure 14. ADM236L Typical Operating Circuit
T1IN
ADM237L
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1OUT
GND
8
T2IN
T3IN
T4IN
T2OUT
T3OUT
T4OUT
T3
19
6
7
18
3
1
2
24
T4
T2
T1
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
R1IN
R2IN
R3IN
R1OUT
R2OUT
R3OUT
R3
R2
R1
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
16
4
23
17
22
5
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
14
13
12
10
15
1µF
16V
11
1µF
6.3V
+5V INPUT
VCC
V+
V–
C1+
C1–
C2+
C2–
1µF
6.3V
1µF
16V
T5IN
T5OUT
21
20
T5
9
1µF
Figure 16. ADM237L Typical Operating Circuit
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
6
19
TOP VIEW
(Not to Scale)
ADM236L
T1IN
T2IN
T1OUT
T2OUT
T3OUT
VCC
GND
SD
EN
R3IN
R1IN
R2IN
R2OUT
R1OUT
R3OUT
T3IN
T4IN
T4OUT
V+
V–
C1+
C1–
C2+
C2–
Figure 13. ADM236L DIP/SOIC Pin Configuration
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
6
19
TOP VIEW
(Not to Scale)
ADM237L
T1IN
T2IN
T1OUT
T2OUT
T3OUT
VCC
GND
R3IN
R1IN
R2IN
R2OUT
R1OUT
R3OUT
T3IN
T4IN
T4OUT
V+
V–
C1+
C1–
C2+
C2–
T5IN
T5OUT
Figure 15. ADM237L DIP/SOIC Pin Configuration


同様の部品番号 - ADM237L

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM237L AD-ADM237L Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM237L AD-ADM237L Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM237LAN AD-ADM237LAN Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM237LAN AD-ADM237LAN Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM237LAQ AD-ADM237LAQ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results

同様の説明 - ADM237L

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com