データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1108 データシート(PDF) 8 Page - Analog Devices

部品番号 ADP1108
部品情報  Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1108 データシート(HTML) 8 Page - Analog Devices

Back Button ADP1108 Datasheet HTML 4Page - Analog Devices ADP1108 Datasheet HTML 5Page - Analog Devices ADP1108 Datasheet HTML 6Page - Analog Devices ADP1108 Datasheet HTML 7Page - Analog Devices ADP1108 Datasheet HTML 8Page - Analog Devices ADP1108 Datasheet HTML 9Page - Analog Devices ADP1108 Datasheet HTML 10Page - Analog Devices ADP1108 Datasheet HTML 11Page - Analog Devices ADP1108 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADP1108
–8–
REV. 0
10
0%
5 s
50mV
100
90
COUT =100 F, 16V
ISW = 500mA
ESR
0.18
Figure 12. Aluminum Electrolytic
10
0%
5µs
50mV
100
90
COUT =100µF, 6V
ISW = 500mA
ESR
0.07
Figure 13. Tantalum Electrolytic
10
0%
5 s
50mV
100
90
COUT =100 F, 16V
ISW = 500mA
ESR
0.02
Figure 14. OS-CON Capacitor
If low output ripple is important, the user should consider using
the ADP3000. This device switches at 400 kHz, which simpli-
fies the design of the output filter. Consult the ADP3000 data
sheet for additional details.
DIODE SELECTION
In specifying a diode, consideration must be given to speed, for-
ward voltage drop and reverse leakage current. When the
ADP1108 switch turns off, the diode must turn on rapidly if
high efficiency is to be maintained. Schottky rectifiers, as well as
fast signal diodes such as the 1N4148, are appropriate. The for-
ward voltage of the diode represents power that is not delivered
to the load, so VF must also be minimized. Again, Schottky di-
odes are recommended. Leakage current is especially important
in low-current applications, where the leakage can be a signifi-
cant percentage of the total quiescent current.
For most circuits, the 1N5818 is a suitable companion to the
ADP1108. This diode has a VF of 0.5 V at 1 A, 4
µA to 10 µA
leakage and fast turn-on and turn-off times. A surface mount
version, the MBRS130T3, is also available.
For switch currents of 100 mA or less, a Schottky diode such
as the BAT85 provides a VF of 0.8 V at 100 mA and leakage
less than 1
µA. A similar device, the BAT54, is available in an
SOT-23 package. Even lower leakage, in the 1 nA to 5 nA
range, can be obtained with a 1N4148 signal diode.
General purpose rectifiers, such as the 1N4001, are not suitable for
ADP1108 circuits. These devices, which have turn-on times of
10
µs or more, are far too slow for switching power supply applica-
tions. Using such a diode “just to get started” will result in wasted
time and effort. Even if an ADP1108 circuit appears to function
with a 1N4001, the resulting performance will not be indicative of
the circuit performance when the correct diode is used.
Circuit Operation, Step-Up (Boost) Mode
In boost mode, the ADP1108 produces an output voltage higher
than the input voltage. For example, +12 V can be generated
from a +5 V logic power supply or +5 V can be derived from
two alkaline cells (+3 V).
Figure 15 shows an ADP1108 configured for step-up operation.
The collector of the internal power switch is connected to the out-
put side of the inductor, while the emitter is connected to GND.
When the switch turns on, Pin SW1 is pulled near ground. This ac-
tion forces a voltage across L1 equal to VIN VCE(SAT), and current
begins to flow through L1. This current reaches a final value
(ignoring second-order effects) of:
I
PEAK
V
IN – V CE (SAT )
L
× 36 µs
where 36
µs is the ADP1108 switch’s “on” time.
3
5
1
8
4
2
ILIM
VIN
SW1
FB
SW2
GND
ADP1108
L1
D1
VOUT
C1
R3
R1
R2
VIN
Figure 15. Step-Up Mode Operation
When the switch turns off, the magnetic field collapses. The
polarity across the inductor changes, current begins to flow
through D1 into the load and the output voltage is driven above
the input voltage.
The output voltage is fed back to the ADP1108 via resistors R1
and R2. When the voltage at Pin FB falls below 1.245 V, SW1
turns “on” again and the cycle repeats. The output voltage is
therefore set by the formula:
V
OUT = 1.245 V
× 1 + R1
R2


The circuit of Figure 15 shows a direct current path from VIN to
VOUT, via the inductor and D1. Therefore, the boost converter
is not protected if the output is short circuited to ground.
Circuit Operation, Step-Down (Buck) Mode
The ADP1108’s step-down mode is used to produce an output
voltage lower than the input voltage. For example, the output of
four NiCd cells (+4.8 V) can be converted to a +3 V logic supply.
A typical configuration for step-down operation of the ADP1108 is
shown in Figure 16. In this case, the collector of the internal power
switch is connected to VIN and the emitter drives the inductor.


同様の部品番号 - ADP1108

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results

同様の説明 - ADP1108

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
   Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com