データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR291FR-REEL データシート(PDF) 6 Page - Analog Devices

部品番号 ADR291FR-REEL
部品情報  Low Noise Micropower Precision Voltage References
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR291FR-REEL データシート(HTML) 6 Page - Analog Devices

Back Button ADR291FR-REEL Datasheet HTML 2Page - Analog Devices ADR291FR-REEL Datasheet HTML 3Page - Analog Devices ADR291FR-REEL Datasheet HTML 4Page - Analog Devices ADR291FR-REEL Datasheet HTML 5Page - Analog Devices ADR291FR-REEL Datasheet HTML 6Page - Analog Devices ADR291FR-REEL Datasheet HTML 7Page - Analog Devices ADR291FR-REEL Datasheet HTML 8Page - Analog Devices ADR291FR-REEL Datasheet HTML 9Page - Analog Devices ADR291FR-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
REV. B
ADR290/ADR291/ADR292
–6–
PARAMETER DEFINITION
Line Regulation
The change in output voltage due to a specified change in input
voltage. It includes the effects of self-heating. Line regulation is
expressed in either percent-per-volt, parts-per-million-per-
volt, or microvolts-per-volt change in input voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. It includes the effects of self-heating. Load regulation
is expressed in either microvolts-per-milliampere, parts-per-
million-per-milliampere, or ohms of dc output resistance.
Long-Term Stability
Typical shift of output voltage at 25
°C on a sample of parts
subjected to high-temperature operating life test of 1000
hours at 125
°C.
VV
t
V
t
V
ppm
Vt
Vt
Vt
OO
O
OO
O
=
×
() –
()
=
() –
()
()
0O
1
01
0
[]
10
6
Where
VO (t0 ) = VO at 25
°C at time 0
VO (t1 ) = VO at 25
°C after 1000 hours operation at 125°C
Temperature Coefficient
The change of output voltage over the operating temperature
change and normalized by the output voltage at 25
°C, expressed
in ppm/
°C. The equation follows:
TCV
ppm C
VT
VT
VC
T
T
O
OO
O
[/
]
() –
()
() (
)
°=
°×
×
21
21
6
25
10
Where
VO (25
°C) = VO at 25°C
VO(T1) = VO at Temperature 1
VO(T2) = VO at Temperature 2
NC = No Connect
(There are in fact internal connections at NC pins which are
reserved for manufacturing purposes. Users should not connect
anything at NC pins.)
Thermal Hysteresis
Thermal hysteresis is defined as the change of output voltage af-
ter the device is cycled through temperature from +25
°C to
–40
°C to +85°C and back to +25°C. This is a typical value from
a sample of parts put through such a cycle.
VV
C
V
V
ppm
VC
V
VC
O HYS
O
O TC
O HYS
OO TC
O
_
_
() –
[]
() –
()
=
°
°
×
25
25
25
10
6
Where
VO (25
°C) = VO at 25°C
VO–TC = VO at 25
°C after temperature cycle at +25°C to
–40
°C to +85°C and back to +25°C


同様の部品番号 - ADR291FR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR291FRZ AD-ADR291FRZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291FRZ-REEL AD-ADR291FRZ-REEL Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291FRZ-REEL7 AD-ADR291FRZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results

同様の説明 - ADR291FR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR392ART-REEL AD-ADR392ART-REEL Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR391 AD-ADR391 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com