データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB2100H データシート(PDF) 1 Page - Zowie Technology Corporation

部品番号 SB2100H
部品情報  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZOWIE [Zowie Technology Corporation]
ホームページ  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SB2100H データシート(HTML) 1 Page - Zowie Technology Corporation

  SB2100H Datasheet HTML 1Page - Zowie Technology Corporation SB2100H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB220H THRU SB2100H
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 2.0 Amperes
FEATURES
MECHANICAL DATA
Case : JEDEC DO-204AL Molded plastic body
Terminals : Tin Plated, solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0 A
Maximum instantaneous reverse
current at rated DC blocking voltage
TA=25
o
C
TA=100
o
C
Typical thermal resistance ( NOTE )
Operating junction and storage temperature range
SYMBOLS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TJ,TSTG
2.0
50
0.50
0.70
0.85
0.5
10.0
35
12
-65 to +125
-65 to +150
UNITS
Volts
Volts
Maximum DC blocking voltage
SB220H
20
14
20
SB240H
40
28
40
SB260H
60
42
60
SB2100H
100
70
100
Volts
Volts
Amps
Amps
mA
o
C / W
o
C
DO-204AL
*Dimensions in inches and (millimeters)
NOTES : Thermal resistance junction to lead P.C.B. mounted 0.375" (9.5mm) lead length.
Zowie Technology Corporation
REV. 0
R JA
R JL
0.107(2.70)
0.034(0.86)
0.028(0.71)
0.080(2.00)
DIA.
DIA.
* Halogen-free type
*
Compliance to RoHS product
* Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
* Guardring for overvoltage protection
* Low power loss, high efficiency
* High current capability, low forward voltage drop
* For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
* High temperature soldering guaranteed :
260
o
C / 10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension


同様の部品番号 - SB2100H

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB2100H PANJIT-SB2100H Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB2100H SIRECT-SB2100H Datasheet
226Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB2100H SIRECT-SB2100H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
More results

同様の説明 - SB2100H

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com