データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAA110S データシート(PDF) 3 Page - IXYS Corporation

部品番号 LAA110S
部品情報  Dual Single-Pole, Normally Open OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA110S データシート(HTML) 3 Page - IXYS Corporation

  LAA110S Datasheet HTML 1Page - IXYS Corporation LAA110S Datasheet HTML 2Page - IXYS Corporation LAA110S Datasheet HTML 3Page - IXYS Corporation LAA110S Datasheet HTML 4Page - IXYS Corporation LAA110S Datasheet HTML 5Page - IXYS Corporation LAA110S Datasheet HTML 6Page - IXYS Corporation LAA110S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
LAA110
www.ixysic.com
3
R11
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
0.56
0.74
0.92
1.1
0.65
0.83
1.01
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mADC)
0.04
0.12
0.20
0.28
0.24
0.16
0.08
Turn-Off (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=120mADC)
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=120mADC)
25
20
15
10
5
0
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
Typical I
F for Switch Dropout
(N=50, I
L=120mADC)
35
30
25
20
15
10
5
0
On-Resistance ( )
22.9
23.3
23.7
24.1
24.5
24.9
25.3
Typical On-Resistance Distribution
(N=50, I
L=120mADC)
35
30
25
20
15
10
5
0
420
430
440
450
425
435
445
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=10mA
I
F=5mA
Typical LED Forward Voltage Drop
vs. Temperature
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-On vs. LED Forward Current
(I
L=50mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
Typical Turn-Off vs. LED Forward Current
(I
L=50mADC)


同様の部品番号 - LAA110S

メーカー部品番号データシート部品情報
logo
Clare, Inc.
LAA110S CLARE-LAA110S Datasheet
137Kb / 6P
   Dual Pole OptoMOS Relays
LAA110STR CLARE-LAA110STR Datasheet
137Kb / 6P
   Dual Pole OptoMOS Relays
More results

同様の説明 - LAA110S

メーカー部品番号データシート部品情報
logo
IXYS Corporation
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA117 IXYS-XAA117 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA710 IXYS-LAA710_12 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA127 IXYS-LAA127_12 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PAA127 IXYS-PAA127 Datasheet
139Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA108 IXYS-LAA108 Datasheet
136Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA120 IXYS-LAA120_12 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com