データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV473 データシート(PDF) 11 Page - Analog Devices

部品番号 ADV473
部品情報  CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV473 データシート(HTML) 11 Page - Analog Devices

Back Button ADV473 Datasheet HTML 4Page - Analog Devices ADV473 Datasheet HTML 5Page - Analog Devices ADV473 Datasheet HTML 6Page - Analog Devices ADV473 Datasheet HTML 7Page - Analog Devices ADV473 Datasheet HTML 8Page - Analog Devices ADV473 Datasheet HTML 9Page - Analog Devices ADV473 Datasheet HTML 10Page - Analog Devices ADV473 Datasheet HTML 11Page - Analog Devices ADV473 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADV473
–11–
REV. A
PC BOARD LAYOUT CONSIDERATIONS
The layout should be optimized for lowest noise on the ADV473
power and ground lines by shielding the digital inputs and pro-
viding good decoupling. The lead length between groups of VAA
and GND pins should be minimized so as to minimize inductive
ringing.
Ground Planes
The ground plane should encompass all ADV473 ground pins,
current/voltage reference circuitry, power supply bypass circuitry
for the ADV473, the analog output traces, and all the digital sig-
nal traces leading up to the ADV473.
Power Planes
The ADV473 and any associated analog circuitry should have its
own power plane, referred to as the analog power plane. This
power plane should be connected to the regular PCB power
plane (VCC) at a single point through a ferrite bead, as illustrated
in Figures 7 and 8. This bead should be located within three
inches of the ADV473.
The PCB power plane should provide power to all digital logic
on the PC board, and the analog power plane should provide
power to all ADV473 power pins and voltage reference circuitry.
Plane-to-plane noise coupling can be reduced by ensuring that
portions of the regular PCB power and ground planes do not
overlay portions of the analog power plane, unless they can be
arranged such that the plane-to-plane noise is common mode.
Supply Decoupling
For optimum performance, bypass capacitors should be installed
using the shortest leads possible, consistent with reliable opera-
tion, to reduce the lead inductance. Best performance is ob-
tained with a 0.1
µF ceramic capacitor decoupling each of the
two groups of VAA pins to GND. These capacitors should be
placed as close as possible to the device.
It is important to note that while the ADV473 contains circuitry
to reject power supply noise, this rejection decreases with fre-
quency. If a high frequency switching power supply is used, the
designer should pay close attention to reducing power supply
noise and should consider using a three-terminal voltage regula-
tor for supplying power to the analog power plane.
Digital Signal Interconnect
The digital inputs to the ADV473 should be isolated as much as
possible from the analog outputs and other analog circuitry.
Also, these input signals should not overlay the analog power
plane.
Due to the high clock rates involved, long clock lines to the
ADV473 should be avoided to reduce noise pickup.
Any active termination resistors for the digital inputs should be
connected to the regular PCB power plane (VCC), and not to the
analog power plane.
ANALOG POWER PLANE
IOR
IOG
IOB
V
AA
ADV473
V
REFIN
75
75
V
REFOUT
CO-AXIAL CABLE
(75
Ω)
GND
BNC
CONNECTORS
75
75
75
MONITOR
(CRT)
0.1
µF
10
µF
POWER SUPPLY DECOUPLING
(0.1
µF CAPACITOR FOR
EACH V
REF GROUP )
0.1
µF
L1
(FERRITE
BEAD)
COMP
COMP
+5V (V
AA )
0.1
µF
+5V (V
AA )
+5V (V
CC )
+5V (V
AA
)
0.1
µF
1k
(1% METAL)
AD589
(1.2 V
REF )
COMPONENT
DESCRIPTION
VENDOR PART NUMBER
C1 – C5
0.1
µF CERAMIC CAPACITOR
ERIE RPE112Z5U104M50V
C6
10
µF TANTALUM CAPACITOR
MALLORY CSR13G106KM
L1
FERRITE BEAD
FAIR-RITE 2743001111
R1, R2, R3
75
Ω 1% METAL FILM RESISTOR
R4
1k
Ω 5% RESISTOR
R
SET
1% METAL FILM RESISTOR
Z1
1.23V VOLTAGE REFERENCE
AD589JN
R
SET
140
R
SET
0.1
µF
75
Figure 7. Typical Connection Diagram (External Voltage
Reference)


同様の部品番号 - ADV473

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV473 AD-ADV473 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
More results

同様の説明 - ADV473

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com