データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV476 データシート(PDF) 4 Page - Analog Devices

部品番号 ADV476
部品情報  CMOS Monolithic 256x18 Color Palette RAM-DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV476 データシート(HTML) 4 Page - Analog Devices

  ADV476 Datasheet HTML 1Page - Analog Devices ADV476 Datasheet HTML 2Page - Analog Devices ADV476 Datasheet HTML 3Page - Analog Devices ADV476 Datasheet HTML 4Page - Analog Devices ADV476 Datasheet HTML 5Page - Analog Devices ADV476 Datasheet HTML 6Page - Analog Devices ADV476 Datasheet HTML 7Page - Analog Devices ADV476 Datasheet HTML 8Page - Analog Devices ADV476 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADV476
REV. B
–4–
ABSOLUTE MAXIMUM RATINGS
1
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Voltage on any Digital Pin . . . . . GND – 0.5 V to VCC + 0.5 V
Ambient Operating Temperature (TA) . . . . . –55°C to +125°C
Storage Temperature (TS) . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
Vapor Phase Soldering (1 minute) . . . . . . . . . . . . . . . +220
°C
Red, Green, Blue to GND
2
. . . . . . . . . . . . . . . . . . 0 V to VCC
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Analog output short circuit to any power supply or common can be of an indefinite
duration.
ORDERING GUIDE
1, 2
Package
Model
Speed
Package Type
Option
3
ADV476KN35
35 MHz
28-Pin DIP
N-28
ADV476KN50
50 MHz
28-Pin DIP
N-28
ADV476KN66
66 MHz
28-Pin DIP
N-28
ADV476KP35
35 MHz
44-Pin PLCC
P-44A
ADV476KP50
50 MHz
44-Pin PLCC
P-44A
ADV476KP66
66 MHz
44-Pin PLCC
P-44A
NOTES
1All devices are specified for 0
°C to +70°C operation.
2Devices are packaged in 0.6" 28-pin plastic DIPs (N-28), and 44-pin J-leaded
PLCC (P-44A).
3N = Plastic DIP; P = Plastic Leaded Chip Carrier.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
Power Supply
VCC
4.5
5.00
5.5
Volts
Ambient Operating Temperature
TA
0
+70
°C
Output Load
RL
37.5
Reference Current
IREF
–3
–10
mA
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADV476 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATIONS
PLCC
DIP
The above pins allow the ADV476KP (44-Pin PLCC) to be al-
ternatively driven by a voltage reference. If it is desired to use a
voltage reference configuration instead of the current reference
configuration described in this data sheet, the above listed pins
must be connected as described in Figure 6 of the ADV478/
ADV471 data sheet of this reference manual.


同様の部品番号 - ADV476

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV471 AD-ADV471 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV471KP35 AD-ADV471KP35 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV471KP50 AD-ADV471KP50 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV471KP66 AD-ADV471KP66 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV471KP80 AD-ADV471KP80 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
More results

同様の説明 - ADV476

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV453 AD-ADV453_15 Datasheet
684Kb / 12P
   CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Rev. B
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
   66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
logo
Analog Devices
ADV475 AD-ADV475_15 Datasheet
1Mb / 3P
   CMOS 80 MHZ MONOLITHIC 2560 WORD POWER DOWN COLOR PALETTE RAM DACS
REV. 0
ADV478 AD-ADV478 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478 AD-ADV478_15 Datasheet
208Kb / 12P
   CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
REV. B
logo
UMC Corporation
UM70C171 UMC-UM70C171 Datasheet
626Kb / 15P
   Color Palette With Triple 6-Bit DAC
logo
National Semiconductor ...
DAC0630 NSC-DAC0630 Datasheet
576Kb / 15P
   Triple 6-Bit Video DAC with Color Palette
logo
List of Unclassifed Man...
TR9C1710 ETC1-TR9C1710 Datasheet
169Kb / 2P
   GRAPHICS COLOR PALETTE
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
[Old version datasheet]   Video Interface Palette True-Color CMOS RAMDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com