データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7121 データシート(PDF) 5 Page - Analog Devices

部品番号 ADV7121
部品情報  CMOS 80 MHz, Triple 10-Bit Video DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7121 データシート(HTML) 5 Page - Analog Devices

  ADV7121 Datasheet HTML 1Page - Analog Devices ADV7121 Datasheet HTML 2Page - Analog Devices ADV7121 Datasheet HTML 3Page - Analog Devices ADV7121 Datasheet HTML 4Page - Analog Devices ADV7121 Datasheet HTML 5Page - Analog Devices ADV7121 Datasheet HTML 6Page - Analog Devices ADV7121 Datasheet HTML 7Page - Analog Devices ADV7121 Datasheet HTML 8Page - Analog Devices ADV7121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADV7121/ADV7122
–5–
REV. B
ABSOLUTE MAXIMUM RATINGS
1
VAA to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Voltage on Any Digital Pin . . . . . GND –0.5 V to VAA + 0.5 V
Ambient Operating Temperature (TA) . . . . . . . . 0°C to +70°C
Storage Temperature (TS) . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . +150
°C
Soldering Temperature (5 secs) . . . . . . . . . . . . . . . . . . . 220
°C
Vapor Phase Soldering (1 minute) . . . . . . . . . . . . . . . . . 220
°C
IOR, IOB, IOG to GND
2
. . . . . . . . . . . . . . . . . . . 0 V to VAA
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Analog output short circuit to any power supply or common can be of an indefinite
duration.
PIN CONFIGURATIONS
DIP (N-40A) Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
40
39
38
37
36
35
34
33
32
31
30
29
15
16
17
18
19
20
TOP VIEW
(Not to Scale)
ADV7121 DIP
R5
R4
R3
R2
R1
R0
IOB
IOG
V
AA
GND
FS ADJUST
IOR
CLOCK
B9
B8
B7
B6
B5
V
REF
COMP
R6
R7
R8
R9
G0
G1
G2
G3
G4
G6
G7
G8
G9
B0
B1
B2
B3
B4
G5
V
AA
PLCC (P-44A) Package
4321
28
27
26
5
6
7
8
9
10
11
12
13
14
15
16
17
18 19 20 21 22 23 24 25
ADV7122 PLCC
TOP VIEW
(Not to Scale)
44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
G4
G5
G6
G7
BLANK
SYNC
CLOCK
G8
G9
G1
G2
G3
COMP
FS ADJUST
GND
GND
IOG
IOR
IOB
V
AA
V
AA
V
REF
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADV7121/ADV7122 feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, p roper
ESD precautions are recommended to avoid performance degradation or loss of fu nctionality.
ORDERING GUIDE
Temperature
Package
Package
Model
Speed
Range
*
Description
Option
ADV7121KN80
80 MHz
0
°C to +70°C
40-Pin Plastic DIP
N-40A
ADV7121KN50
50 MHz
0
°C to +70°C
40-Pin Plastic DIP
N-40A
ADV7121KN30
30 MHz
0
°C to +70°C
40-Pin Plastic DIP
N-40A
ADV7122KP80
80 MHz
0
°C to +70°C
44-Lead Plastic Leaded Chip Carrier (PLCC) P-44A
ADV7122KP50
50 MHz
0
°C to +70°C
44-Lead Plastic Leaded Chip Carrier (PLCC) P-44A
ADV7122KP30
30 MHz
0
°C to +70°C
44-Lead Plastic Leaded Chip Carrier (PLCC) P-44A
ADV7122KST50 50 MHz
0
°C to +70°C
48-Lead Thin Quad Flatpack (TQFP)
ST-48
ADV7122KST30 30 MHz
0
°C to +70°C
48-Lead Thin Quad Flatpack (TQFP)
ST-48
*Industrial Temperature range (–40
°C to +85°C) parts are also available to special ranges. Please contact your local Analog Devices
representative.


同様の部品番号 - ADV7121

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KN30 AD-ADV7120KN30 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KN30 AD-ADV7120KN30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KN50 AD-ADV7120KN50 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results

同様の説明 - ADV7121

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com