データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4448WS データシート(PDF) 1 Page - Rectron Semiconductor

部品番号 1N4448WS
部品情報  SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECTRON [Rectron Semiconductor]
ホームページ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1N4448WS データシート(HTML) 1 Page - Rectron Semiconductor

  1N4448WS_08 Datasheet HTML 1Page - Rectron Semiconductor 1N4448WS_08 Datasheet HTML 2Page - Rectron Semiconductor 1N4448WS_08 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMALL SIGNAL DIODE
VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
FEATURES
* Fast Switching Speed
* Surface Mount Package Ideally Suited for
Automatic Insertion
* For General Purpose Switching Applicationgs
* High Conductance
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N4448WS
SOD-323
MAXIMUM RATINGS (@TA=25OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise noted)
Dimensions in inches and (millimeters)
VC 2008-02
RATINGS
Non-Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Forward Comtinuous Current
Non-Repetitive Peak Forward Surge Current
Maximum Power Dissipation
Operating and Storage Temperature Range
SYMBOL
1N4448WS
VRM
VRMS
IFM
IFSM
PD
TJ,TSTG
VR
Volts
Volts
mAmps
500
Maximum Average Forward Rectified Current
IO
mAmps
250
4.0
2.0
200
Typical Junction Capacitance
CJ
4
-65 to + 150
Amps
mW
pF
Typical Reverse Recovery Time
Trr
4
nS
O
C
UNITS
Typical Thermal Resistance
RqJA
315
O
C/W
100
Maximum Working Peak reverse Voltage
VRWM
Volts
75
Maximum Repetitive Peak Reverse Voltage
VRRM
53
CHARACTERISTICS
Maximum Instantaneous Peverse Current
NOTE : "Fully ROHS Compliant", "100% Sn plating (Pb-free)".
VF
SYMBOL
IR
UNITS
Maximum Instantaneous Forward Voltage
Volts
@IF=1.0mA
@VR=20V
@VR=75V
@IF=10mA
@t=1.0uS
@t=1.0S
@IF=50mA
@IF=150mA
0.715
1.25
2.5
0.855
1.0
25
nAmps
uAmps
1N4448WS
REF .019(0.475)
.106(2.700)
.098(2.500)
.055(1.400)
.047(1.200)
.071(1.800)
.063(1.600)
MAX.039(1.000)
.004(.100)
.000(.000)


同様の部品番号 - 1N4448WS_08

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
1N4448WS WTE-1N4448WS_06 Datasheet
46Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

同様の説明 - 1N4448WS_08

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
1N4448W RECTRON-1N4448W Datasheet
169Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
BAV16WS RECTRON-BAV16WS Datasheet
119Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
CMBD1201 RECTRON-CMBD1201 Datasheet
331Kb / 4P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 215 mAmpere
1N4148WS RECTRON-1N4148WS Datasheet
119Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
BAV19WS RECTRON-BAV19WS Datasheet
141Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
BAV19W RECTRON-BAV19W Datasheet
152Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 100 Volts CURRENT 200 mAmpere
BAV20W RECTRON-BAV20W Datasheet
153Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 150 Volts CURRENT 200 mAmpere
BAV21W RECTRON-BAV21W Datasheet
153Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
BAV16W RECTRON-BAV16W Datasheet
49Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
1N4148W RECTRON-1N4148W Datasheet
155Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com