データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7196AKS データシート(PDF) 5 Page - Analog Devices

部品番号 ADV7196AKS
部品情報  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7196AKS データシート(HTML) 5 Page - Analog Devices

  ADV7196AKS Datasheet HTML 1Page - Analog Devices ADV7196AKS Datasheet HTML 2Page - Analog Devices ADV7196AKS Datasheet HTML 3Page - Analog Devices ADV7196AKS Datasheet HTML 4Page - Analog Devices ADV7196AKS Datasheet HTML 5Page - Analog Devices ADV7196AKS Datasheet HTML 6Page - Analog Devices ADV7196AKS Datasheet HTML 7Page - Analog Devices ADV7196AKS Datasheet HTML 8Page - Analog Devices ADV7196AKS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
REV. 0
–5–
ADV7196A
3.3 V TIMING–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Conditions
MPU PORT
1
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
µs
SCLOCK Low Pulsewidth, t2
1.3
µs
Hold Time (Start Condition), t3
0.6
µs
After This Period the 1st Clock Is Generated
Setup Time (Start Condition), t4
0.6
µs
Relevant for Repeated Start Condition
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
Reset Low Time
100
ns
ANALOG OUTPUTS
Analog Output Delay
2
10
ns
Analog Output Skew
0.5
ns
CLOCK CONTROL AND PIXEL PORT
3
fCLK
27
MHz
Progressive Scan Mode
fCLK
74.25
MHz
HDTV Mode
fCLK
81
MHz
Async Timing Mode and
1
× Interpolation
Clock High Time t9
5.0
1.5
ns
Clock Low Time t10
5.0
2.0
ns
Data Setup Time t11
2.0
ns
Data Hold Time t12
4.5
ns
Control Setup Time t11
7.0
ns
Control Hold Time t12
4.0
ns
Pipeline Delay
16
Clock Cycles
For 4:4:4 Pixel Input Format at
1
× Oversampling
Pipeline Delay
29
Clock Cycles
For 4:4:4 or 4:2:2 Pixel Input Format at
2
×
Oversampling
NOTES
1Guaranteed by characterization.
2Output delay measured from 50% point of the rising edge of CLOCK to the 50% point of DAC output full-scale transition.
3Data: Cb/Cr [9–0], Cr [9–0], Y [9:0]
Control:
HSYNC/SYNC, VSYNC/TSYNC, DV
Specifications subject to change without notice.
(VAA = 3.15 V to 3.45 V, VREF = 1.235 V, RSET = 2470
, RLOAD = 300
. All specifications
TMIN to TMAX (0 C to 70 C) unless otherwise noted.)


同様の部品番号 - ADV7196AKS

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results

同様の説明 - ADV7196AKS

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com