データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD1E05U06 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD1E05U06
部品情報  1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPD1E05U06 データシート(HTML) 1 Page - Texas Instruments

  TPD1E05U06 Datasheet HTML 1Page - Texas Instruments TPD1E05U06 Datasheet HTML 2Page - Texas Instruments TPD1E05U06 Datasheet HTML 3Page - Texas Instruments TPD1E05U06 Datasheet HTML 4Page - Texas Instruments TPD1E05U06 Datasheet HTML 5Page - Texas Instruments TPD1E05U06 Datasheet HTML 6Page - Texas Instruments TPD1E05U06 Datasheet HTML 7Page - Texas Instruments TPD1E05U06 Datasheet HTML 8Page - Texas Instruments TPD1E05U06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
I/O
GND
DPY
1 mm x 0.6 mm x 0.35 mm
(0.65-mm pitch)
DQA
2.5 mm x 1 mm x 0.5 mm
(0.5-mm pitch)
RVZ
3.5 mm x 1.35 mm x 0.5 mm
(0.5-mm pitch)
D1+
1
2
3
4
5
6
7
8
9
10
D1–
GND
D2+
D2–
N.C.
N.C.
GND
N.C.
N.C.
NC
NC
NC
NC
GND
NC
NC
D1+
D1–
D2+
D2–
GND
D3+
D3–
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TPD1E05U06
TPD4E05U06
TPD6E05U06
www.ti.com
SLVSBO7B – DECEMBER 2012 – REVISED JANUARY 2013
1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS)
INTERFACE
Check for Samples: TPD1E05U06, TPD4E05U06, TPD6E05U06
1
FEATURES
Easy Straight-through Routing Packages
Provides System Level ESD Protection for
APPLICATIONS
Low- Voltage IO Interface
HDMI1.4
IEC 61000-4-2 Level 4
USB3.0
±15kV (Air gap discharge)
MHL
±12kV (Contact discharge)
LVDS Interfaces
IO Capacitance 0.42pF (Typ)
DisplayPort
DC Breakdown Voltage 6.5V (Min)
PCI Express
Ultra low Leakage Current 10nA (Max)
eSata Interfaces
Low ESD Clamping Voltage
Industrial Temperature Range: -40°C to 125°C
DESCRIPTION
The TPDxE05U06 is a family of unidirectional ESD protection devices with ultra low capacitance. This family of
devices is constructed with a central ESD clamp with two hiding diodes to reduce the capacitive loading. They
are rated to dissipate ESD strikes above the maximum level specified in the IEC61000-4-2 level 4 international
standard. Its ultra low loading capacitance makes it ideal for protecting any high-speed signal pins.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPD1E05U06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD1E05U06 TI1-TPD1E05U06 Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TPD1E05U06 TI1-TPD1E05U06 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06-Q1 TI1-TPD1E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results

同様の説明 - TPD1E05U06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com