データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A5223 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3A5223
部品情報  0.45ohm Dual SPDT Bidirectional Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3A5223 データシート(HTML) 3 Page - Texas Instruments

  TS3A5223 Datasheet HTML 1Page - Texas Instruments TS3A5223 Datasheet HTML 2Page - Texas Instruments TS3A5223 Datasheet HTML 3Page - Texas Instruments TS3A5223 Datasheet HTML 4Page - Texas Instruments TS3A5223 Datasheet HTML 5Page - Texas Instruments TS3A5223 Datasheet HTML 6Page - Texas Instruments TS3A5223 Datasheet HTML 7Page - Texas Instruments TS3A5223 Datasheet HTML 8Page - Texas Instruments TS3A5223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TS3A5223
www.ti.com
SCDS339A – JANUARY 2013 – REVISED FEBRUARY 2013
ELECTRICAL CHARACTERISTICS
Specified over the recommended junction temperature range TA= TJ = –40°C to 85°C Typical values are at TA= TJ = 25°C
(unless otherwise noted).
PARAMETER
VCC (V)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
3.6
0.8
VIH
High-level Input voltage SEL1, SEL2 inputs
2.3
0.8
V
1.8
0.8
3.6
0.3
VIL
Low-level Input voltage SEL1, SEL2
2.3
0.3
V
1.8
0.3
3.6
0.45
0.6
VS = 0 to VCC, IS = 100 mA,
RON
Switch ON Resistance
2.3
0.6
0.8
Ω
VSEL = 1.0V, 0V
1.8
0.85
1.2
Difference of on-state resistance between
VS = 2V, 0.8V, IS = 100 mA, VSE L=
ΔRON
3.6
0.05
switches
1.0V, 0V
3.6
0.1
0.2
VS = 0 to VCC, IS = 100mA, VSEL =
RON-FLAT
ON resistance flatness
2.3
0.15
0.35
1.0V, 0V
1.8
0.4
0.65
IOFF
NC, NO pin leakage current when not selected
3.6
VS = 0.3 or 3.0V, VCOM = 3.0 or 0.3V
5
90
nA
IS(ON)
NC, NO pin leakage current when selected
3.6
VS = 0.3 or 3.0V, VCOM = No Load
4
60
nA
ISEL
Select Pin input leakage current
VS
Vs = 0 or 3.6 V
100
nA
ICC
Quiescent supply current
3.6
VSEL = 0 or VCC
700
2000
nA
ICCLV
Supply current change
3.6
VSEL = 1.0V to VSEL=VCC
200
nA
SWITCHING PARAMETERS(1)(2)
3.6
0.1
tPHL
Logic high to low propagation delay
2.5
RL = 50 Ω, CL = 35 pF
0.2
ns
1.8
0.2
3.6
0.1
tPLH
Logic low to high propagation delay
2.5
RL = 50 Ω, CL = 35 pF
0.2
ns
1.8
0.2
tON
Turn-ON time
2.3-3.6
RL = 50 Ω, CL = 35 pF, VS = 1.5 V
70
ns
tOFF
Turn-OFF time
2.3-3.6
RL = 50 Ω, CL = 35 pF, VS = 1.5 V
75
ns
tD
Break-before-make time delay
3.6
RL = 50 Ω, CL = 35 pF, VS = 1.5 V
2
8
ns
QINJ
Charge Injection
3.6
CL = 1 nF, VS = 0 V
40
pC
AC CHARACTERISTICS
BW
-3dB Bandwidth
1.65V-3.6V
RL = 50 Ω, CL = 35 pF
80
MHz
VISO
Channel OFF isolation
1.65V-3.6V
VS = 1 V rms, f = 100 kHz
–70
dB
VXtalk
Channel-to-Channel Cross talk
1.65V-3.6V
VS=1V rms, f= 100kHz
–75
dB
RL = 600 Ω, VSEL = 2 Vpk-pk,
THD
Total harmonic distortion
1.65V-3.6V
0.01%
f = 20 Hz to 20 kHz
CSEL
Select Pin Input Capacitance
3.3V
f =1 MHz
3
pF
NC, NO, and COM input capacitance when switch
CON
3.3V
f = 1 MHz
115
pF
is selected
NC, NO, and COM input capacitance when switch
COFF
3.3V
f = 1 MHz
50
pF
is not selected
(1)
Rise and Fall propagation delays, tPHL and tPLH, are measured between 50% values of the input and the corresponding output signal
amplitude transition.
(2)
Assured by characterization only. Validated during qualification. Not measured in production testing.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TS3A5223


同様の部品番号 - TS3A5223

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A5223 TI1-TS3A5223 Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223RSWR TI1-TS3A5223RSWR Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223_14 Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
More results

同様の説明 - TS3A5223

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Texas Instruments
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223_14 Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
logo
Monolithic Power System...
MPQ2735 MPS-MPQ2735 Datasheet
360Kb / 11P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches AEC-Q100 Qualified
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com