データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD17552Q3A データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD17552Q3A
部品情報  30V, N-Channel NexFET Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CSD17552Q3A データシート(HTML) 5 Page - Texas Instruments

  CSD17552Q3A Datasheet HTML 1Page - Texas Instruments CSD17552Q3A Datasheet HTML 2Page - Texas Instruments CSD17552Q3A Datasheet HTML 3Page - Texas Instruments CSD17552Q3A Datasheet HTML 4Page - Texas Instruments CSD17552Q3A Datasheet HTML 5Page - Texas Instruments CSD17552Q3A Datasheet HTML 6Page - Texas Instruments CSD17552Q3A Datasheet HTML 7Page - Texas Instruments CSD17552Q3A Datasheet HTML 8Page - Texas Instruments CSD17552Q3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
Silicon limited
Package limited
G001
0.01
0.1
1
10
100
1000
5000
0.01
0.1
1
10
50
VDS - Drain-to-Source Voltage (V)
1ms
10ms
100ms
1s
DC
Single Pulse
Typical RthetaJA =146ºC/W(min Cu)
G001
1
10
80
0.01
0.1
1
TAV - Time in Avalanche (mS)
TC = 25ºC
TC = 125ºC
G001
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
VGS = 4.5V
VGS = 10V
ID =11A
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
CSD17552Q3A
www.ti.com
SLPS387 – SEPTEMBER 2012
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 9. Normalized On-State Resistance vs. Temperature
Figure 10. Typical Diode Forward Voltage
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 11. Maximum Safe Operating Area
Figure 12. Single Pulse Unclamped Inductive Switching
TEXT ADDED FOR SPACING
Figure 13. Maximum Drain Current vs. Temperature
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD17552Q3A


同様の部品番号 - CSD17552Q3A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17552Q3A TI1-CSD17552Q3A Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
More results

同様の説明 - CSD17552Q3A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com