データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8362-EVAL データシート(PDF) 24 Page - Analog Devices

部品番号 AD8362-EVAL
部品情報  50 Hz to 2.7 GHz 60 dB TruPwr??Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8362-EVAL データシート(HTML) 24 Page - Analog Devices

Back Button AD8362-EVAL Datasheet HTML 20Page - Analog Devices AD8362-EVAL Datasheet HTML 21Page - Analog Devices AD8362-EVAL Datasheet HTML 22Page - Analog Devices AD8362-EVAL Datasheet HTML 23Page - Analog Devices AD8362-EVAL Datasheet HTML 24Page - Analog Devices AD8362-EVAL Datasheet HTML 25Page - Analog Devices AD8362-EVAL Datasheet HTML 26Page - Analog Devices AD8362-EVAL Datasheet HTML 27Page - Analog Devices AD8362-EVAL Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD8362
Rev. B | Page 24 of 36
The network can readily be scaled to other frequencies by
varying the product LC, while keeping the ratio L/C constant to
preserve a 50 Ω input impedance. Table 4 provides some spot
values; these take into account the reactive ZIN of the AD8362.
Table 4. Suggested Components for Narrow-Band 50 Ω
Match
Frequency (MHz)
L (nH)
C1 (pF)
C2 (pF)
1
21850
2230
2765
2
10925
1115
1383
5
4370
446
553
10
2185
223
276
20
1093
112
138
50
437
45
55
100
220
22
27
200
100
10
12
500
40
3.9
4.7
This coupling method can be used down to much lower
frequencies than shown in Table 4 simply by multiplying the
1 MHz component values proportionally. The effects of the
reactive components of the AD8362’s inputs above 500 MHz
may require some fine tuning of the suggested values. In the
gigahertz region, the input coupling is usually more effectively
implemented using a balun.
UNCERTAINTIES IN RIN AND POWER CALIBRATION
In all the cases where a 50 Ω to 200 Ω transformation is
implemented, the voltage gain is only nominally ×2 (6 dB). This
ideal is impaired by the fact that the input resistances of the
AD8362 are not precise; variations of ±20% can be expected
from lot to lot. Therefore, it is necessary to use a calibration step
whenever an accurate value for the power intercept, PZ, must be
established.
When driven differentially, a significant improvement in
intercept accuracy can be achieved by shunting the 200 Ω
resistance from INHI to INLO with a 66.5 Ω resistor to set the
differential input resistance to 50 Ω. Assuming a tolerance of
±20% for the basic RIN and ±1% for the chip resistor, the net
input resistance could exhibit an error of ±2.5%. The resulting
error in PZ (and thus in the absolute power measurement) may
vary from −0.26 dB to +0.21 dB.
These precautions regarding input impedance do not apply
when the input is presented in voltage form, as is often the case
at low frequencies, or when the source impedance is low
compared to 200 Ω. For example, when using a feedback
amplifier as an impedance buffer ahead of the input, as in the
example in Figure 61, the loss at the interface at moderate
frequencies is negligible.
CHOOSING THE RIGHT VALUE FOR CHPF AND
CLPF
The AD8362’s 3.5 GHz variable gain amplifier includes an offset
cancellation loop, which introduces a high-pass filter effect in
its transfer function. The corner frequency, fHP, of this filter
must be below that of the lowest input signal in the desired
measurement bandwidth frequency to properly measure the
amplitude of the input signal. The required value of the external
capacitor is given by
(
)
Hz
in
f
f
CHPF
HP
HP
μF
200
=
(12)
Thus, for operation at frequencies down to 100 kHz, CHPF
should be 2 nF.
In the standard connections for the measurement mode, the
VSET pin is tied to VOUT. For small changes in input amplitude
(a few decibels), the time-domain response of this loop is
essentially linear with a 3 dB low-pass corner frequency of
nominally fLP = 1/(CLPF × 1.1 kΩ). Internal time delays around
this local loop set the minimum recommended value of this
capacitor to about 300 pF, making fLP = 3 MHz.
For operation at lower signal frequencies, or whenever the
averaging time needs to be longer, use
(
)
Hz
in
f
f
CLPF
LP
LP
μF
900
=
(13)
When the input signal exhibits large crest factors, such as a
WCDMA signal, CLPF must be much larger than might at
first seem necessary. This is due to the presence of significant
low frequency components in the complex, pseudo-random
modulation, which generates fluctuations in the output of
the AD8362.
USE OF NONSTANDARD TARGET VOLTAGES
An external connection between VREF and VTGT sets up
the internal target voltage, that is, the rms voltage that must
be provided by the VGA to balance the AGC feedback loop. In
the default scheme, the VREF of 1.25 V positions this target to
0.06 × 1.25 V = 75 mV. In principle, however, VTGT may be
driven by any voltage in the range −4 V to +4 V (the sign is
ignored) to alter this target, either in a fixed or dynamic way.
For example, if this pin is supplied from VREF via a simple
resistive attenuator of 1 kΩ:1 kΩ, the output required from the
VGA is halved (to 37.5 mV rms), which moves the nominal
intercept to −73 dBV. Under these conditions, the effective
headroom in the signal path that drives the squaring cell is
doubled. In principle, this doubles the peak crest factor that may
be handled by the system.
If VTGT is reduced too far, the accuracy and stability of the
intercept are compromised. The currents generated by the
transconductance mode squaring cells become smaller by the
square of the ratio. Thus, a factor of 5 reduction in VTGT


同様の部品番号 - AD8362-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8362-EVALZ AD-AD8362-EVALZ Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
More results

同様の説明 - AD8362-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8363 AD-AD8363_09 Datasheet
2Mb / 36P
   50 Hz to 6 GHz, 50 dB TruPwr??Detector
REV. 0
AD8364 AD-AD8364 Datasheet
2Mb / 48P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. 0
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com