データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMS1508CT-25 データシート(PDF) 9 Page - Advanced Monolithic Systems

部品番号 AMS1508CT-25
部品情報  8A LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADMOS [Advanced Monolithic Systems]
ホームページ  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1508CT-25 データシート(HTML) 9 Page - Advanced Monolithic Systems

  AMS1508CT-25 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1508
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
7 LEAD TO-220 PLASTIC PACKAGE (T)
0.330-0.370
(8.382-9.398)
0.040-0.060
(1.016-1.524)
0.390-0.415
(9.906-10.541)
0.165-0.180
(4.191-4.572)
0.045-0.055
(1.143-1.397)
0.095-0.115
(2.413-2.921)
0.013-0.023
(0.330-0.584)
T (TO-220 ) AMS DRW# 042291
0.147-0.155
(3.734-3.937)
DIA
0.230-0.270
(5.842-6.858)
0.460-0.500
(11.684-12.700)
0.570-0.620
(14.478-15.748)
0.520-0.620
(13.208-14.224)
0.980-1.070
(24.892-27.178)
0.026-0.036
(0.660-0.914)


同様の部品番号 - AMS1508CT-25

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS1508CT-2.5 ADMOS-AMS1508CT-2.5 Datasheet
174Kb / 9P
   8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508CT-2.85 ADMOS-AMS1508CT-2.85 Datasheet
174Kb / 9P
   8A LOW DROPOUT VOLTAGE REGULATOR
More results

同様の説明 - AMS1508CT-25

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS1508 ADMOS-AMS1508_05 Datasheet
174Kb / 9P
   8A LOW DROPOUT VOLTAGE REGULATOR
AMS1083 ADMOS-AMS1083 Datasheet
71Kb / 8P
   8A LOW DROPOUT VOLTAGE REGULATOR
AMS1083 ADMOS-AMS1083_05 Datasheet
69Kb / 8P
   8A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
   8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com