データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMS1587CD-35 データシート(PDF) 7 Page - Advanced Monolithic Systems

部品番号 AMS1587CD-35
部品情報  3A LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADMOS [Advanced Monolithic Systems]
ホームページ  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1587CD-35 データシート(HTML) 7 Page - Advanced Monolithic Systems

  AMS1587CD-35 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1587CD-35 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1587CD-35 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1587CD-35 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1587CD-35 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1587CD-35 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1587CD-35 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1587CD-35 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1587CD-35 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1587
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-50 -25
0
25
50
75
125
0
100
50
02468
10
12
0
10
5
14
100
150
4
3
2
1
9
8
7
6
Minimum Operating Current
(Adjustable only)
10
20
30
40
60
70
80
90
Adjust Pin Current
(Adjustable only)
TEMPERATURE (° C)
INPUT/OUTPUT DIFFERENTIAL (V)
T
J = 25° C
T
J = 150° C
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
3 LEAD TO-220 PLASTIC PACKAGE (T)
0.330-0.370
0.050
(8.382-9.398)
0.090-0.110
(2.286-2.794)
(1.270)
TYP
0.390-0.415
(9.906-10.541)
0.165-0.180
(4.191-4.572)
0.045-0.055
(1.143-1.397)
0.095-0.115
(2.413-2.921)
0.013-0.023
(0.330-0.584)
T (TO-220) AMS DRW# 042193
0.147-0.155
(3.734-3.937)
DIA
0.230-0.270
(5.842-6.858)
0.460-0.500
(11.684-12.700)
0.570-0.620
(14.478-15.748)
0.218-0.252
(5.537-6.401)
0.520-0.570
(13.208-14.478)
0.980-1.070
(24.892-27.178)
0.028-0.038
(0.711-0.965)


同様の部品番号 - AMS1587CD-35

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS1587CM ADMOS-AMS1587CM Datasheet
78Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM-1.5 ADMOS-AMS1587CM-1.5 Datasheet
78Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM-2.5 ADMOS-AMS1587CM-2.5 Datasheet
78Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM-2.85 ADMOS-AMS1587CM-2.85 Datasheet
78Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM-3.0 ADMOS-AMS1587CM-3.0 Datasheet
78Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

同様の説明 - AMS1587CD-35

メーカー部品番号データシート部品情報
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
   3A Low dropout voltage regulator
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com