データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT42 データシート(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

部品番号 BAT42
部品情報  SCHOTTKY BARRIER SWITCHING DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
ホームページ  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

BAT42 データシート(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  BAT42 Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BAT42 / BAT43
SCHOTTKY BARRIER SWITCHING DIODE
Features
·
Low Forward Voltage Drop
·
Fast Switching Speeds
·
Guard Ring Construction for Transient
Protection
·
Surface Mount Versions Available
(LL42 / LL43)
·
Case: DO-35, Plastic
·
Leads: Solderable per MIL-STD-202,
Method 208
·
Marking: Type Number
·
Polarity: Cathode Band
·
Weight: 0.13 grams (approx.)
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Valid provided that leads are kept at ambient temperature.
2. t < 300
ms, Duty Cycle < 2%.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
BAT42
BAT43
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Forward Continuous Current (Note 1)
IFM
200
mA
Repetitive Peak Forward Current (Note 1)
@ t < 1.0s
Duty Cycle < 50%
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current @ t = 10ms
IFSM
4.0
A
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
500
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +125
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
30
¾¾
V
IRS = 100
mA Pulses
Maximum Forward Voltage Drop (Note 2)
All Types
BAT42
BAT42
BAT43
BAT43
VFM
¾
¾
¾
0.26
¾
¾
1.00
0.40
0.65
0.33
0.45
V
IF = 200mA
IF = 10mA
IF = 50mA
IF = 2.0mA
IF = 15mA
Maximum Peak Reverse Current (Note 2)
IRM
¾¾
0.50
100
mA
VR = 25V
VR = 25V, Tj = 100°C
Junction Capacitance
Cj
¾
10
¾
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
¾¾
5.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
Rectification Efficiency
hv80
¾¾
%
RL = 100
W, CL = 300pF,
f = 45MHz, VRF = 2.0V
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
KI SEMICONDUCTOR.CO


同様の部品番号 - BAT42

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BAT42 STMICROELECTRONICS-BAT42 Datasheet
89Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Rectron Semiconductor
BAT42 RECTRON-BAT42 Datasheet
123Kb / 2P
   SILICON PLANAR SCHOTTKY DIODES
logo
Pan Jit International I...
BAT42 PANJIT-BAT42 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
BAT42 DIODES-BAT42 Datasheet
50Kb / 1P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
EIC discrete Semiconduc...
BAT42 EIC-BAT42 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER DIODES
More results

同様の説明 - BAT42

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
   Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW_ DIODES-SD101AW_ Datasheet
224Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
SD103AW_ DIODES-SD103AW_ Datasheet
246Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Sensitron
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
   Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Taiwan Semiconductor Co...
SD101AW TSC-SD101AW Datasheet
46Kb / 2P
   Schottky Barrier Switching Diode
SD103AW TSC-SD103AW Datasheet
46Kb / 2P
   Schottky Barrier Switching Diode
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com