データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES-2117R-VEAE データシート(PDF) 2 Page - Advantech Co., Ltd.

部品番号 ES-2117R-VEAE
部品情報  17" Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADVANTECH [Advantech Co., Ltd.]
ホームページ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2117R-VEAE データシート(HTML) 2 Page - Advantech Co., Ltd.

  ES-2117R-VEAE Datasheet HTML 1Page - Advantech Co., Ltd. ES-2117R-VEAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ES-2117/2217
Dimensions
Unit: mm
ES-2117
5.24
56.24
120.8
120.1
120.8
38.1
75.0
100.0
402.1
420.1
25.2 120.8
120.1
M3 TAP
56.24
120.8 25.2
5.24
(Resistive T/S)
56.19
5.19
(Capacitive T/S)
54.70
3.70
(SAW T/S)
58.00
7.00
(Infra Red
Vandal Proof
T/S)
CUT OUT
341.9
ES-2217
430.50
31.50
10.00
59.50
352.00
402.10
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Anti-Reflection
ES-2117G-VEAE
Open Frame
300
VGA
Tempered Glass
N/A
N/A
ES-2117R-VEAE
Open Frame
300
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2217R-VEAE
Rugged panel mount
300
VGA
5-Wire Resistive
RS-232/USB
N/A
Notes:
1.) Capacitive touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display
Solutions. The Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part
numbers to us for ordering.
3.) For special requests, we welcome you to use the Display Solution DTOS service.
Online Download www.advantech.com/products


同様の部品番号 - ES-2117R-VEAE

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
ES-2117R-VEAE ADVANTECH-ES-2117R-VEAE Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com