データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC78B002FTG データシート(PDF) 10 Page - Toshiba Semiconductor

部品番号 TC78B002FTG
部品情報  Single-phase full-wave drive
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC78B002FTG データシート(HTML) 10 Page - Toshiba Semiconductor

Back Button TC78B002FTG Datasheet HTML 6Page - Toshiba Semiconductor TC78B002FTG Datasheet HTML 7Page - Toshiba Semiconductor TC78B002FTG Datasheet HTML 8Page - Toshiba Semiconductor TC78B002FTG Datasheet HTML 9Page - Toshiba Semiconductor TC78B002FTG Datasheet HTML 10Page - Toshiba Semiconductor TC78B002FTG Datasheet HTML 11Page - Toshiba Semiconductor TC78B002FTG Datasheet HTML 12Page - Toshiba Semiconductor TC78B002FTG Datasheet HTML 13Page - Toshiba Semiconductor TC78B002FTG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TC78B002FTG
2013-03-19
10
I/O Equivalent Circuits
Pin name
I/O signal
Equivalent circuit
HP
HM
Hall signal input pin
In-phase input voltage range
0V to VREG-1.5V
VSP
VMI
LA
Control voltage input pin
VSOFT
VOFF
Control voltage input pin
VREG
Voltage output pin
VREG = 5V (typ)
FG
RDO
Digital output pin
Open drain output
It should be pulled up externally to output
High.
VSP
VMI
LA
FG
RDO
HP
HM
VREG
VREG
VSOFT
VOFF
VREG
VREG
VM


同様の部品番号 - TC78B002FTG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC78B002FNG TOSHIBA-TC78B002FNG Datasheet
945Kb / 27P
   TOSHIBA CMOS Integrated Circuit Silicon Monolithic
2013-10-17
More results

同様の説明 - TC78B002FTG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LA6585FA ONSEMI-LA6585FA Datasheet
207Kb / 4P
   BTL Drive Single-Phase Full-Wave
May, 2013
logo
List of Unclassifed Man...
PT-30DFX ETC1-PT-30DFX Datasheet
88Kb / 1P
   Single- Phase Full-Wave Linear Drive
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
   Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LB11817 SANYO-LB11817 Datasheet
100Kb / 10P
   Three-Phase Full-Wave Linear Drive
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
LB11660FV ONSEMI-LB11660FV Datasheet
129Kb / 10P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
logo
Diodes Incorporated
AM4951 DIODES-AM4951 Datasheet
365Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com