データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD8318 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FOD8318
部品情報  2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8318 データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FOD8318 Datasheet HTML 2Page - Fairchild Semiconductor FOD8318 Datasheet HTML 3Page - Fairchild Semiconductor FOD8318 Datasheet HTML 4Page - Fairchild Semiconductor FOD8318 Datasheet HTML 5Page - Fairchild Semiconductor FOD8318 Datasheet HTML 6Page - Fairchild Semiconductor FOD8318 Datasheet HTML 7Page - Fairchild Semiconductor FOD8318 Datasheet HTML 8Page - Fairchild Semiconductor FOD8318 Datasheet HTML 9Page - Fairchild Semiconductor FOD8318 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8318 Rev. 1.1.2
6
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
6. During power up or down, it is important to ensure that VIN+ remains LOW until both the input and output supply
voltages reach the proper recommended operating voltage to avoid any momentary instability at the output state.
Refer to “Time to Good Power” section on page 25.
Isolation Characteristics
Apply over all recommended conditions, typical value is measured at TA = 25 ºC
Notes:
7. Device is considered a two terminal device: pins 1 to 8 are shorted together and pins 9 to 16 are shorted together.
8. 4,243 VRMS for 1-minute duration is equivalent to 5,091 VRMS for 1-second duration.
9. The Input-Output Isolation Voltage is a dielectric voltage rating as per UL1577. It should not be regarded as an
input-output continuous voltage rating. For the continuous working voltage rating, refer to the equipment level safety
specification or DIN EN/IEC 60747-5-5 Safety and Insulation Ratings Table on page 4.
Electrical Characteristics
Apply over all recommended conditions; typical value is measured at VDD1 = 5 V, VDD2 – VSS = 30 V, VE – VSS = 0 V,
TA = 25 °C unless otherwise specified.
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient Operating Temperature
-40
+100
ºC
VDD1
Input Supply Voltage(6)
35.5
V
VDD2 – VSS
Total Output Supply Voltage
15
30
V
VE – VSS
Negative Output Supply Voltage
0
15
V
VDD2 – VE
Positive Output Supply Voltage(6)
15
30 – (VE – VSS)V
VS
Source of Pull-up PMOS Transistor Voltage
VSS + 7.5
VDD2
V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VISO
Input-Output Isolation
Voltage
TA = 25 ºC, R.H.< 50 %, t = 1.0 min,
II-O ð 10 µA, 50 Hz
(7)(8)(9)
4,243
VRMS
RISO
Isolation Resistance
VI-O = 500 V
(7)
1011
¾
CISO
Isolation Capacitance
VI-O = 0 V, freq = 1.0 MHz
(7)
1pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units Figure
VIN+L, VIN-L,
VRESETL
Logic Low Input Voltages
0.8
V
VIN+H,VIN-H,
VRESETH
Logic High Input Voltages
2.0
V
IIN+L, IIN-L,
IRESETL
Logic Low Input Currents
VIN = 0.4 V
-0.5
-0.001
mA
IFAULTL
FAULT Logic Low Output
Current
VFAULT = 0.4 V
5.0
12.0
mA
1, 35
IFAULTH
FAULT Logic High Output
Current
VFAULT = VDD1
-40
0.002
µA
35
IOH
High Level Output Current
VO = VDD2 – 3 V
-1
-3
A
2, 7, 36
VO = VDD2 – 6 V
(10)
-2.5
A


同様の部品番号 - FOD8318

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8318R2 ONSEMI-FOD8318R2 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318R2 ONSEMI-FOD8318R2 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8318R2V ONSEMI-FOD8318R2V Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
More results

同様の説明 - FOD8318

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318_V01 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316 ONSEMI-FOD8316_V01 Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com