データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD8318 データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FOD8318
部品情報  2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8318 データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FOD8318 Datasheet HTML 5Page - Fairchild Semiconductor FOD8318 Datasheet HTML 6Page - Fairchild Semiconductor FOD8318 Datasheet HTML 7Page - Fairchild Semiconductor FOD8318 Datasheet HTML 8Page - Fairchild Semiconductor FOD8318 Datasheet HTML 9Page - Fairchild Semiconductor FOD8318 Datasheet HTML 10Page - Fairchild Semiconductor FOD8318 Datasheet HTML 11Page - Fairchild Semiconductor FOD8318 Datasheet HTML 12Page - Fairchild Semiconductor FOD8318 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8318 Rev. 1.1.2
9
22. This is the amount of time from when the DESAT threshold is exceeded, until the FAULT output goes LOW.
Refer to Figure 54.
23. This is the amount of time the DESAT threshold must be exceeded before VO begins to go LOW and the FAULT
output to go LOW. Refer to Figure 54.
24. This is the amount of time from when RESET is asserted LOW, until FAULT output goes HIGH. Refer to Figure 54.
25. tUVLO ON UVLO turn-on delay is measured from VUVLO+ threshold voltage of the output supply voltage (VDD2) to the
5 V level of the rising edge of the VO signal.
26. tUVLO OFF UVLO turn-off delay is measured from VUVLO– threshold voltage of the output supply voltage (VDD2) to
the 5 V level of the falling edge of the VO signal.
27. tGP time to good power is measured from 13.5 V level of the rising edge of the output supply voltage (VDD2) to the
5 V level of the rising edge of the VO signal.
28. Common mode transient immunity at output HIGH state is the maximum tolerable negative dVcm / dt on the trailing
edge of the common mode pulse, VCM, to assure that the output remains in HIGH state (i.e., VO > 15 V or FAULT
> 2 V).
29.Common mode transient immunity at output LOW state is the maximum positive tolerable dVcm / dt on the leading
edge of the common mode pulse, VCM, to assure that the output remains in a LOW state (i.e., VO < 1.0 V or FAULT
< 0.8 V).


同様の部品番号 - FOD8318

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8318R2 ONSEMI-FOD8318R2 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318R2 ONSEMI-FOD8318R2 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8318R2V ONSEMI-FOD8318R2V Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
More results

同様の説明 - FOD8318

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318_V01 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316 ONSEMI-FOD8316_V01 Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com