データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCWI03 データシート(PDF) 2 Page - Minmax Technology Co., Ltd.

部品番号 MCWI03
部品情報  DC/DCCONVERTER 3W High Power Density in SIP-8 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINMAX [Minmax Technology Co., Ltd.]
ホームページ  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MCWI03 データシート(HTML) 2 Page - Minmax Technology Co., Ltd.

  MCWI03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MCWI03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MCWI03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MCWI03 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCWI03 SERIES
DC/DC CONVERTER 3W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/30 REV:5 Page 2 of 4
®
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
12V Input Models
3
4
4.5
24V Input Models
4.5
6
9
Start-Up Threshold Voltage
48V Input Models
8.5
12
18
12V Input Models
---
3.5
4
24V Input Models
---
---
8
Under Voltage Shutdown
48V Input Models
---
---
16
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
---
2500
mW
Internal Filter Type
Capacitor type
Internal Power Dissipation
All Models
---
---
2600
mW
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage SettingAccuracy
At 50% Load and Nominal Vin
---
---
±1.0
%Vom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.3
±0.5
%
Load Regulation
Io=25% to 100%
---
±0.5
±1.0
%
Ripple & Noise (20MHz)
---
50
75
mV P-P
Transient Recovery Time
---
300
500
µsec
Transient Response Deviation
25% Load Step Change
---
±3
±5
%
Temperature Coefficient
---
---
±0.02
%/℃
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1600
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
M
I/O Isolation Capacitance
100KHz, 1V
---
200
---
pF
Switching Frequency
---
350
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
800,000
---
---
Hours
SafetyApprovals(pending)
CSA60950-1 recognition,IEC/EN 60950-1(CB-scheme)
Input Fuse
12V Input Models
24V Input Models
48V Input Models
1500mASlow-Blow Type
700mASlow-Blow Type
350mASlow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
Under 0.6 VDC or Open Circuit, drops down to 0VDC by 2mV/℃
Converter Off
2.7
---
15
VDC
Device Standby Input Current
---
1
2.5
mA
Control Input Current ( on )
Vin = 0V
---
---
1
mA
Control Input Current ( off )
Vin = 5.0V
---
---
1
mA
Control Common
Referenced to Negative Input
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
OperatingAmbient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+85
Case Temperature
---
105
Storage Temperature Range
-55
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260


同様の部品番号 - MCWI03

メーカー部品番号データシート部品情報
logo
Total Power Internation...
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MCWI03-12D05 TOTAL-POWER-MCWI03-12D05 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MCWI03-12D12 TOTAL-POWER-MCWI03-12D12 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MCWI03-12D15 TOTAL-POWER-MCWI03-12D15 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MCWI03-12S033 TOTAL-POWER-MCWI03-12S033 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
More results

同様の説明 - MCWI03

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
MA03 MINMAX-MA03 Datasheet
543Kb / 4P
   DC/DC CONVERTER 3W High Power Density, 3W in SIP-7 Package
logo
Total Power Internation...
MA03 TOTAL-POWER-MA03 Datasheet
406Kb / 4P
   High Power Density, 3W in SIP-7 Package
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
logo
Minmax Technology Co., ...
MCW1000 MINMAX-MCW1000 Datasheet
603Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-8 Package
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
logo
Total Power Internation...
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com