データシートサーチシステム |
|
ADF-07S15 データシート(PDF) 2 Page - Minmax Technology Co., Ltd. |
|
ADF-07S15 データシート(HTML) 2 Page - Minmax Technology Co., Ltd. |
2 / 3 page ADF-07 SERIES AC/DC POWER MODULE 7W E-mail:sales@minmax.com.tw Tel:886-6-2923150 2011/10/04 REV:15 Page 2 of 3 General Specifications Parameter Conditions Min. Typ. Max. Unit I/O Isolation Voltage Input to Output, 60 Seconds 3000 --- --- VACrms I/O Isolation Resistance 500 VDC 100 --- --- MΩ Switching Frequency --- 100 --- KHz Hold-up Time --- 20 --- ms MTBF (calculated) MIL-HDBK-217F@25 ℃, Ground Benign 330,000 --- --- Hours EMC Emission Conducted and radiated EN 55011, class B, EN 55022, class B, FCC part 15, class B Standard Specification Requirement Performance Criteria EN61000-4-2 Air ±8KV Cont. ±4KV B EN61000-4-3 80~1000MHz, 10V/m 80% AM, 1KHz modulation A EN61000-4-4 AC port ±2KV DC, SL, TL ±2KV not less than 1 min. B EN61000-4-5 1.2/50uS(8/20uS) AC dif. ±1KV DC ±0.5KV B 0.15~80MHz, 10Vrms (functional earth ports included) EN61000-4-6 80% AM, 1KHz modulation B EN61000-4-8 50Hz/60Hz, 30A/m A 30%, 10ms B EMC Immunity according EN61000-6-1 EN61000-4-11 60%, 100ms, 95%, 5000ms C Protection Class II According IEC/EN 60536 Safety Approvals cUL/UL 60950-1,IEC/EN 60950-1 Input Fuse All Models External Fuse (Recommended) 1.5A Slow – Blow Type Environmental Specifications Parameter Conditions Temperature Range (operational) Ambient -25 ℃ +70 ℃ Power Derating +50 ℃ to +70℃ 0.263W / ℃ Storage Temperature Range -40 ℃ +85 ℃ Over Temperature Protection at 90 ℃ (automatic recovery at 67℃) Cooling Free-Air convection Humidity (non condensing) --- 95 % rel. H Notes 1 All specifications typical at Ta=+25 ℃, resistive load, 115VAC, 60Hz input voltage and after warm-up time rated output current unless otherwise noted. 2 Ripple & Noise measurement bandwidth is 0~20 MHz 3 These power modules require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage the power supplies however they may not meet all listed specifications. 4 All AC/DC modules should be externally fused at the front end for protection. 5 Other input and output voltage may be available, please contact factory. 6 Specifications subject to change without notice |
同様の部品番号 - ADF-07S15 |
|
同様の説明 - ADF-07S15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |