データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0001.2711.11 データシート(PDF) 1 Page - Schurter Inc.

部品番号 0001.2711.11
部品情報  Surface Mount Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHURTER [Schurter Inc.]
ホームページ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0001.2711.11 データシート(HTML) 1 Page - Schurter Inc.

  0001.2711.11 Datasheet HTML 1Page - Schurter Inc. 0001.2711.11 Datasheet HTML 2Page - Schurter Inc. 0001.2711.11 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Non resettable fuses
SMD-SPT
www.schurter.com/pg0_2
Fuses
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
 
IEC 60127-2 · 250VAC · 300VDC · Time-Lag T
Description
-Directlysolderableonprintedcircuitboards
-IECStandardFuse
-H=HighBreakingCapacity
Standards
-IEC60127-2/5
-UL248-14
-CSAC22.2no.248.14
Approvals
-VDECertificateNumber:40010881
-ULFileNumber:E41599
Applications
-PrimaryProtectiononSMDPCB
References
PackagingDetails
Weblinks
pdf-datasheet,html-datasheet,GeneralProductInformation,
Approvals,CEdeclarationofconformity,RoHS,CHINA-RoHS,e-Shop,
SCHURTER-Stock-Check,Distributor-Stock-Check,Detailedrequestfor
product
Technical Data
RatedVoltage
250VAC,300VDC
RatedCurrent
1-16A
BreakingCapacity
500A-1500A
Characteristic
Time-LagT
Mounting
PCB,SMT
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Housing
Ceramic
Material:Terminals
Gold-PlatedCopperAlloy
UnitWeight
1g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Dielectricstrength,Cha-
racteristic,BreakingCapacity
SolderingMethods
Reflow
Solderability
245°C/3secacc.toIEC60068-2-58,
TestTd
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-58,
TestTd
ResistancetoVibration
acc.toIEC60068-2-6,testFc
MoistureResistanceTest
MIL-STD-202,Method106E
(50cyclesinatemp./misterchamber)
TerminalStrength
MIL-STD-202,Method211A
Deflectionofboard1mmfor1minute
ThermalShock
MIL-STD-202,Method107D
(200air-to-aircyclesfrom-55to
+125°C)
CaseResistance
acc.toEIA/IS-722,Test4.7
>100M
Ω(betweenleedsandbody)
ResistancetoSolvents
MIL-STD-202,Method215A
Dimensions
20mm
 
10
20±0.5
±0.2
5.5
5.5
9.5
Soldering pads
 


同様の部品番号 - 0001.2711.11

メーカー部品番号データシート部品情報
logo
Schurter Inc.
0001.2711.11 SCHURTER-0001.2711.11 Datasheet
370Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
0001.2711.11 SCHURTER-0001.2711.11 Datasheet
457Kb / 3P
   Surface Mount Fuse
More results

同様の説明 - 0001.2711.11

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
   Surface Mount Fuse
logo
NIC-Components Corp.
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
   Surface Mount Fuse
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
   Surface Mount Fuse
NFCC-NFHC NIC-NFCC-NFHC Datasheet
102Kb / 5P
   Surface Mount Fuse
NFSC NIC-NFSC Datasheet
95Kb / 3P
   Surface Mount Fuse
NFVC NIC-NFVC Datasheet
102Kb / 4P
   Surface Mount Fuse
NFVC-S NIC-NFVC-S Datasheet
225Kb / 4P
   Surface Mount Fuse
logo
Schurter Inc.
0001.2706.11 SCHURTER-0001.2706.11 Datasheet
457Kb / 3P
   Surface Mount Fuse
logo
Littelfuse
0242.050HAT1 LITTELFUSE-0242.050HAT1 Datasheet
488Kb / 1P
   BARRIER FUSE SURFACE MOUNT
logo
Schurter Inc.
FUSEKITUMT-H SCHURTER-FUSEKITUMT-H Datasheet
165Kb / 2P
   Fuse Kit Surface Mount Fuse UMT-H
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com