データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1003IJ5TP データシート(PDF) 9 Page - Touchstone Semiconductor Inc

部品番号 TS1003IJ5TP
部品情報  THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1003IJ5TP データシート(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS1003IJ5TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1003IJ5TP Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TS1003
TS1003DS r1p0
Page 9
RTFDS
noninverting amplifier as shown in the figure. The
two resistors labeled R1 should be closely matched
to each other as well as both resistors labeled R2 to
ensure
acceptable
common-mode
rejection
performance.
Resistor networks ensure the closest matching as
well as matched drifts for good temperature stability.
Capacitor C1 is included to limit the bandwidth and,
therefore, the noise in sensitive applications. The
value of this capacitor should be adjusted depending
on the desired closed-loop bandwidth of the
instrumentation amplifier. The RC combination
creates a pole at a frequency equal to 1/(2π×R1C1).
If the AC-CMRR is critical, then a matched capacitor
to C1 should be included across the second resistor
labeled R1.
Because the TS1003 accepts rail-to-rail inputs, the
input common mode range includes both ground
and the positive supply of 1.5V. Furthermore, the
rail-to-rail output range ensures the widest signal
range possible and maximizes the dynamic range of
the system. Also, with its low supply current of
0.6μA, this circuit consumes a quiescent current of
only ~1.3μA, yet it still exhibits a 1-kHz bandwidth at
a circuit gain of 2.
Driving Capacitive Loads
While the TS1003’s internal gain-bandwidth product
is 4kHz, it is capable of driving capacitive loads up to
50pF in voltage follower configurations without any
additional components. In many applications,
however, an operational amplifier is required to drive
much larger capacitive loads. The amplifier’s output
impedance and a large capacitive load create
additional phase lag that further reduces the
amplifier’s phase margin. If enough phase delay is
introduced, the amplifier’s phase margin is reduced.
The effect is quite evident when the transient
response is observed as there will appear noticeable
peaking/ringing in the output transient response.
If the TS1003 is used in an application that requires
driving larger capacitive loads, an isolation resistor
between the output and the capacitive load should
be used as illustrated in Figure 5.
Table 1 illustrates a range of RISO values as a
function of the external CLOAD on the output of the
TS1003. The power supply voltage used on the
TS1003 at which these resistor values were
determined empirically was 1.8V. The oscilloscope
capture shown in Figure 6 illustrates a typical
transient response obtained with a CLOAD = 100pF
and an RISO = 120kΩ. Note that as CLOAD is
increased a smaller RISO is needed for optimal
transient response.
In the event that an external RLOAD in parallel with
CLOAD appears in the application, the use of an RISO
results in gain accuracy loss because the external
series RISO forms a voltage-divider with the external
load resistor RLOAD.
External Capacitive
Load, CLOAD
External Output
Isolation Resistor, RISO
0-50pF
Not Required
100pF
120kΩ
500pF
50kΩ
1nF
33kΩ
5nF
18kΩ
10nF
13kΩ
Figure 5: Using an External Resistor to Isolate a CLOAD from
the TS1003’s Output
VIN
VOUT


同様の部品番号 - TS1003IJ5TP

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1003IJ5T SILABS-TS1003IJ5T Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
More results

同様の説明 - TS1003IJ5TP

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com