データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2-1194945-0 データシート(PDF) 1 Page - Tyco Electronics

部品番号 2-1194945-0
部品情報  SOLDERSLEEVE, PCB CONNECTOR, 2.16x0.51x6.35 (0.085x0.020x0.250) TERMINAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1194945-0 データシート(HTML) 1 Page - Tyco Electronics

  2-1194945-0 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
Tyco Electronics Corporation
300 Constitutional Drive
Menlo Park, CA 94025 USA
TITLE :
SOLDERSLEEVE, PCB CONNECTOR,
2.16x0.51x6.35 (0.085x0.020x0.250) TERMINAL
Unless otherwise specified dimensions are in millimeters.
Inches dimensions are in between brackets.
DOCUMENT NO.:
D-129-03
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Tyco Electronics reserves the right to amend
this drawing at any time. Users should
evaluate the suitability of the product for their
application.
DOC ISSUE:
1
DATE:
08-Feb.-01
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
N/A
DCR NUMBER:
D010033
PROD. REV.:
G
SCALE:
None
SIZE:
A
SHEET:
1 of 1
If this document is printed it becomes uncontrolled. Check for the latest revision.
MATERIALS
1. INSULATION SLEEVE: Heat shrinkable, transparent blue, radiation cross-linked polyvinylidene
fluoride.
2. SOLDER PREFORM WITH FLUX:
SOLDER: TYPE Sn63 per ANSI J-STD-006.
FLUX:
TYPE ROL1 per ANSI J-STD-004.
APPLICATION
1. This part will terminate up to three 22 AWG tin or silver plated wires.
2. Sleeve will recover to 1.30 (0.051) max. I.D.
3. Temperature rating: 150
°C.
4. This drawing forms part of Raychem Specification Control Drawing D-714-00.


同様の部品番号 - 2-1194945-0

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1194946-2 MACOM-2-1194946-2 Datasheet
137Kb / 1P
   SOLDERSLEEVE WIRE TERMINATOR
More results

同様の説明 - 2-1194945-0

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1194946-2 MACOM-2-1194946-2 Datasheet
137Kb / 1P
   SOLDERSLEEVE WIRE TERMINATOR
logo
PANDUIT CORP.
D-1744-01 PANDUIT-D-1744-01 Datasheet
89Kb / 1P
   SOLDERSLEEVE WIRE SPLICE
D-108-00 PANDUIT-D-108-00 Datasheet
30Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-103-00 PANDUIT-D-103-00 Datasheet
114Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-142-65 PANDUIT-D-142-65 Datasheet
40Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR
D-101-31 PANDUIT-D-101-31 Datasheet
35Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-104-00 PANDUIT-D-104-00 Datasheet
38Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-142-50 PANDUIT-D-142-50 Datasheet
95Kb / 1P
   (105째C) SOLDERSLEEVE LOW TEMPERATURE
logo
Tyco Electronics
358733-000 MACOM-358733-000 Datasheet
117Kb / 4P
   SolderSleeve Discrete Wire Terminators
logo
TE Connectivity Ltd
SO63-X-00 TEC-SO63-X-00 Datasheet
69Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR, IMMERSION RESISTANT
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com