データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2-1318115-3 データシート(PDF) 11 Page - Tyco Electronics

部品番号 2-1318115-3
部品情報  AMP Dynamic Series Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1318115-3 データシート(HTML) 11 Page - Tyco Electronics

Back Button 2-1318115-3 Datasheet HTML 7Page - Tyco Electronics 2-1318115-3 Datasheet HTML 8Page - Tyco Electronics 2-1318115-3 Datasheet HTML 9Page - Tyco Electronics 2-1318115-3 Datasheet HTML 10Page - Tyco Electronics 2-1318115-3 Datasheet HTML 11Page - Tyco Electronics 2-1318115-3 Datasheet HTML 12Page - Tyco Electronics 2-1318115-3 Datasheet HTML 13Page - Tyco Electronics 2-1318115-3 Datasheet HTML 14Page - Tyco Electronics 2-1318115-3 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
26
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
D-2100D (Continued)
Horizontal Type
Vertical Type
Panel / Free-hanging Type
B
A
37.8
30.69
B
A
24.9
17.79
27.3
20.19
Mating Dimensions
External Dimensions
Receptacle Housing
B
A
2.5
2.5
B
A
BA
C
10.5
No. of
Pos.
6
8
12
16
20
Part Number of
Receptacle Housing
Dimensions
AB
C
08.3
08.9
15.8
10.8
11.4
15.8
15.8
16.4
14.8
20.8
21.4
14.8
25.8
26.4
14.8
J
-1318119-3
J
-1318119-4
J
-1318118-6
J
-1318118-8
J
-1318118-9
J
is for the following key codes:
1- (X-Type), 2- (Y-Type), 3- (Z-Type - Only 12 position)
No. of
Pos.
6
8
12
20
Part Number of Tab Housing
Dimensions
AB
C**
D**
E**
10.2
04.0*
10.5
16.5
16.38
12.7
04.0*
13.0
19.0
18.88
17.7
11.5*
18.0
24.0
23.88
27.7
11.5*
28.0
34.0
33.88
Panel Type
J
-1318114-3
J
-1318114-4
J
-1318114-6
J
-1318114-9
Free-hanging Type
J
-1318115-3
J
-1318115-4
J
-1318115-6
J
-1318115-9
**Applies only for panel type. *The dimension “B” for panel type is 6.0mm.
J
is for the following key codes: 1- (X-Type), 2- (Y-Type)
Panel Cutout
C
±
0.05
D
±
0.05
1.5
10.7
1.5
10.7
X
X
Circuit #1
11.25
13.2
E
B
A
8.6
4.75
Circuit #1
11.25
13.2
1
A
B
I
Tab Housing
Panel Type
Free-Hanging
Type
Mating Tab Connector
Part Number:
J
-1318114-JJ-1376136-J
J
-1318115-JJ-1376009-J
J
-1318124-JJ-1376020-J
J
-1318125-JJ-1376137-J
J
-1318126-JJ-1747994-J
J
-1318127-J
Mating Receptacle Housing
Part Number:
J
-1318119-JJ-1318118-J
9.45
9.45


同様の部品番号 - 2-1318115-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results

同様の説明 - 2-1318115-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
1-1903128-1 MACOM-1-1903128-1 Datasheet
525Kb / 15P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318117-3 MACOM-2-1318117-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com