データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2-1318115-9 データシート(PDF) 9 Page - Tyco Electronics

部品番号 2-1318115-9
部品情報  AMP Dynamic Series Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1318115-9 データシート(HTML) 9 Page - Tyco Electronics

Back Button 2-1318115-9 Datasheet HTML 5Page - Tyco Electronics 2-1318115-9 Datasheet HTML 6Page - Tyco Electronics 2-1318115-9 Datasheet HTML 7Page - Tyco Electronics 2-1318115-9 Datasheet HTML 8Page - Tyco Electronics 2-1318115-9 Datasheet HTML 9Page - Tyco Electronics 2-1318115-9 Datasheet HTML 10Page - Tyco Electronics 2-1318115-9 Datasheet HTML 11Page - Tyco Electronics 2-1318115-9 Datasheet HTML 12Page - Tyco Electronics 2-1318115-9 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
24
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
Appearance
Board mounting pitch: 2.5mm
Dielectric Withstanding Voltage: 1,500V (for one minute)
Voltage Rating: 250 VAC
Tab Housing
(Panel Type)
Tab Housing
(Free-hanging Type)
Receptacle
Housing
Receptacle
Housing
Receptacle
Housing
Receptacle Contact
Tab Contact······For each line of contacts, refer to the appropriate pages.
Receptacle
Housing
Board-mounting
Tab Header
(Horizontal Type)
Board-mounting
Tab Header
(Vertical Type)
Tab Housing
(Panel Type)
(Free-hanging Type)
Board-mounting Tab Header
(Horizontal Type)
(Vertical Type)
Receptacle Housing
Keying
X
Y
X
Y
X
Y
Z
X
Y
X
Y
Part Number of
Receptacle Housing
1-1318119-3
2-1318119-3
1-1318119-4
2-1318119-4
1-1318118-6
2-1318118-6
3-1318118-6
1-1318118-8
2-1318118-8
1-1318118-9
2-1318118-9
Panel Type
1-1318114-3
2-1318114-3
1-1318114-4
2-1318114-4
1-1318114-6
2-1318114-6
1-1318114-9
2-1318114-9
Free-hanging Type
1-1318115-3
2-1318115-3
1-1318115-4
2-1318115-4
1-1318115-6
2-1318115-6
1-1318115-9
2-1318115-9
No. of
Pos.
Part Number of Tab Housing
6
8
12
16
20
Horizontal Type
1376136-1
1376136-2
1376009-1
1376009-2
1376020-1
1376020-2
1376137-1
1376137-2
Vertical Type
1318124-1
1318124-2
1318125-1
1318125-2
1318126-1
1318126-2
1318126-3
1747994-1
1747994-2
1318127-1
1318127-2
Part Number of Board-mounting Tab Header
D-2100D


同様の部品番号 - 2-1318115-9

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results

同様の説明 - 2-1318115-9

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
1-1903128-1 MACOM-1-1903128-1 Datasheet
525Kb / 15P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318117-3 MACOM-2-1318117-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com