データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA16B2FNN データシート(PDF) 7 Page - Agere Systems

部品番号 CA16B2FNN
部品情報  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

CA16B2FNN データシート(HTML) 7 Page - Agere Systems

Back Button CA16B2FNN Datasheet HTML 3Page - Agere Systems CA16B2FNN Datasheet HTML 4Page - Agere Systems CA16B2FNN Datasheet HTML 5Page - Agere Systems CA16B2FNN Datasheet HTML 6Page - Agere Systems CA16B2FNN Datasheet HTML 7Page - Agere Systems CA16B2FNN Datasheet HTML 8Page - Agere Systems CA16B2FNN Datasheet HTML 9Page - Agere Systems CA16B2FNN Datasheet HTML 10Page - Agere Systems CA16B2FNN Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
42
RxDGND
I
Supply
Receiver Digital Ground
43
Rx3.3D
I
Supply
Receiver 3.3 V Digital Supply
44
Rx3.3D
I
Supply
Receiver 3.3 V Digital Supply
45
NC
No User Connection Permitted2
46
RxAGND
I
Supply
Receiver Analog Ground
47
RxAGND
I
Supply
Receiver Analog Ground
48
Rx3.3A
I
Supply
Receiver 3.3 V Analog Supply
49
RxAGND
I
Supply
Receiver Analog Ground
50
RxAGND
I
Supply
Receiver Analog Ground
51
RxDGND
I
Supply
Receiver Digital Ground
52
VTEC
I
Supply
TEC Cooler 3 V Analog Supply Voltage
53
VTEC
I
Supply
TEC Cooler 3 V Analog Supply Voltage
54
VTEC
I
Supply
TEC Cooler 3 V Analog Supply Voltage
55
RxDGND
I
Supply
Receiver Digital Ground
56
RxQ14P
O
LVPECL
Receiver 155 Mbits/s Data Output
57
RxQ14N
O
LVPECL
Receiver 155 Mbits/s Data Output
58
RxQ12P
O
LVPECL
Receiver 155 Mbits/s Data Output
59
RxQ12N
O
LVPECL
Receiver 155 Mbits/s Data Output
60
RxDGND
I
Supply
Receiver Digital Ground
61
RxQ10P
O
LVPECL
Receiver 155 Mbits/s Data Output
62
RxQ10N
O
LVPECL
Receiver 155 Mbits/s Data Output
63
RxQ08P
O
LVPECL
Receiver 155 Mbits/s Data Output
64
RxQ08N
O
LVPECL
Receiver 155 Mbits/s Data Output
65
RxDGND
I
SUPPLY
Receiver Digital Ground
66
RxQ06P
O
LVPECL
Receiver 155 Mbits/s Data Output
67
RxQ06N
O
LVPECL
Receiver 155 Mbits/s Data Output
68
RxQ04P
O
LVPECL
Receiver 155 Mbits/s Data Output
69
RxQ04N
O
LVPECL
Receiver 155 Mbits/s Data Output
70
RxDGND
I
Supply
Receiver Digital Ground
71
RxQ02P
O
LVPECL
Receiver 155 Mbits/s Data Output
72
RxQ02N
O
LVPECL
Receiver 155 Mbits/s Data Output
73
RxQ00P
O
LVPECL
Receiver 155 Mbits/s LSB Data Output
74
RxQ00N
O
LVPECL
Receiver 155 Mbits/s LSB Data Output
75
RxDGND
I
Supply
Receiver Digital Ground
76
NC
No User Connection Permitted2
77
NC
No User Connection Permitted2
78
NC
No User Connection Permitted2
79
NC
No User Connection Permitted2
80
FGND
I
Supply
Frame Ground1
81
FGND
I
Supply
Frame Ground1
82
Reset
I
Master Reset
Pin #
Pin Name
I/O
Logic
Description
Pin Descriptions (continued)
Table 1. CA16-Type Transponder Pinout (continued)
1. Frame ground is connected to the housing and is isolated from all circuit grounds (TxDGND, TxAGND, RxDGND, RxAGND).
2. Pins labeled no connection must remain open circuits; they have internal voltages and must not be connected to VCC, Ground,
or any signal node.


同様の部品番号 - CA16B2FNN

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CA16-2 MACOM-CA16-2 Datasheet
357Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Ledil, Inc.
CA16015 LEDIL-CA16015 Datasheet
6Mb / 4P
   Type II/III (Long) beam for very wide pole to pole distances.
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
   Beam for area and street lighting such as parks and pedestrian walkways
CA16127 LEDIL-CA16127 Datasheet
1Mb / 19P
   OLGA Assembly
CA16127 LEDIL-CA16127 Datasheet
6Mb / 9P
   ~11째 spot beam beam. Assembly with holder and installation tape.
More results

同様の説明 - CA16B2FNN

メーカー部品番号データシート部品情報
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
JDS Uniphase Corporatio...
MDX-13MX2001A JDSU-MDX-13MX2001A Datasheet
140Kb / 3P
   13 Channel DWDM Multiplexer/Demultiplexer (Mux/Demux)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com