データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW801A-DB データシート(PDF) 10 Page - Agere Systems

部品番号 FW801A-DB
部品情報  Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

FW801A-DB データシート(HTML) 10 Page - Agere Systems

Back Button FW801A-DB Datasheet HTML 6Page - Agere Systems FW801A-DB Datasheet HTML 7Page - Agere Systems FW801A-DB Datasheet HTML 8Page - Agere Systems FW801A-DB Datasheet HTML 9Page - Agere Systems FW801A-DB Datasheet HTML 10Page - Agere Systems FW801A-DB Datasheet HTML 11Page - Agere Systems FW801A-DB Datasheet HTML 12Page - Agere Systems FW801A-DB Datasheet HTML 13Page - Agere Systems FW801A-DB Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Agere Systems Inc.
FW801A Low-Power PHY IEEE 1394A-2000
Data Sheet, Rev. 1
One-Cable Transceiver/Arbiter Device
June 2001
Application Information
5-6767 (F).a R.04
* See Figure 4 for typical port termination network.
Figure 3. Typical External Component Connections
CTL0
CTL1
D0
D1
VDD
D2
D3
D4
D5
D6
D7
VSS
VSSA
VSSA
VDDA
VDDA
TPBIAS0
TPA0+
TPA0–
TPB0+
TPB0–
VSSA
VSSA
VDDA
12
11
10
9
8
6
5
4
3
2
1
7
AGERE FW801A
25
26
27
28
29
31
32
33
34
35
36
30
12 pF
12 pF
0.1
µF
PORT 0*
LLC
PIN #1 IDENTIFIER


同様の部品番号 - FW801A-DB

メーカー部品番号データシート部品情報
logo
Agere Systems
FW801 AGERE-FW801 Datasheet
369Kb / 22P
   One-Cable Transceiver/Arbiter Device
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
FW801BF-09-DB AGERE-FW801BF-09-DB Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
More results

同様の説明 - FW801A-DB

メーカー部品番号データシート部品情報
logo
Agere Systems
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
FW802A AGERE-FW802A Datasheet
397Kb / 24P
   Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW803 AGERE-FW803 Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
FW804 AGERE-FW804 Datasheet
398Kb / 24P
   PHY IEEE 1394A Four-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
[Old version datasheet]   IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
logo
Agere Systems
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com