データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDAT04622 データシート(PDF) 10 Page - Agere Systems

部品番号 TDAT04622
部品情報  TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
Download  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

TDAT04622 データシート(HTML) 10 Page - Agere Systems

Back Button TDAT04622 Datasheet HTML 6Page - Agere Systems TDAT04622 Datasheet HTML 7Page - Agere Systems TDAT04622 Datasheet HTML 8Page - Agere Systems TDAT04622 Datasheet HTML 9Page - Agere Systems TDAT04622 Datasheet HTML 10Page - Agere Systems TDAT04622 Datasheet HTML 11Page - Agere Systems TDAT04622 Datasheet HTML 12Page - Agere Systems TDAT04622 Datasheet HTML 13Page - Agere Systems TDAT04622 Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 310 page
background image
8
Agere Systems Inc.
Advisory
May 2001
for Version 1 and 1A of the Device
TDAT042G5 Device Advisory
Data Engine (DE) (continued)
DE3. ATM Transmit Count of Idle Cells
For ATM mode in the transmit direction, all cells are currently counted, including the idle cells. Only the cells con-
taining data should be counted.
Workaround
No workaround is available for this condition.
Corrective Action
This condition will be addressed in version 1A of the device.
DE4. Channel Provisioning
When using the device in STS-3/STM-1 and STS-12/STM-4 modes with either PPP, CRC, or HDLC, egress config-
uration registers 0x1016, 0x1017, 0x1018, and sequencer cell state register 0x1036 of all four channels must be
provisioned, even if a channel is not being used.
Workaround
Provision all four transmit DE channels. Set DE egress configuration registers and the sequencer cell state register
as shown in Table 2.
Table 2. Transmit DE Egress and Sequencer Cell State Registers
Corrective Action
This condition will be addressed in future versions of the device.
Address
Value
STS-3/STM-1
STS-12/STM-4
0x1016
0x4567
0x4567
0x1017
0x4567
0x4567
0x1018
0x4567
0x4567
0x1019—0x1021
0x4567
0x1036
0x0000
0x0000


同様の部品番号 - TDAT04622

メーカー部品番号データシート部品情報
logo
Agere Systems
TDAT12622-BA23 AGERE-TDAT12622-BA23 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
TDAT161G2-BA23 AGERE-TDAT161G2-BA23 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
TDAT162G52 AGERE-TDAT162G52 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
TDAT162G52-3BA AGERE-TDAT162G52-3BA Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
TDAT162G52-BA23 AGERE-TDAT162G52-BA23 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
More results

同様の説明 - TDAT04622

メーカー部品番号データシート部品情報
logo
Agere Systems
TDAT162G52 AGERE-TDAT162G52 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
   622/155 Mb/s SONET/SDH MDFP
logo
PMC-Sierra, Inc
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
   SONET/SDH Interface for 622 & 155 Mbit/s
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
   SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
   SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5363 PMC-PM5363 Datasheet
3Mb / 2P
   SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
   SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
logo
Agere Systems
TMXF28155 AGERE-TMXF28155 Datasheet
9Mb / 606P
   TMXF28155 Super Mapper 155/51 Mbits/s SONET/SDH x28/x21 DS1/E1
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com