データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA16N1FAA データシート(PDF) 9 Page - Agere Systems

部品番号 TA16N1FAA
部品情報  TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

TA16N1FAA データシート(HTML) 9 Page - Agere Systems

Back Button TA16N1FAA Datasheet HTML 5Page - Agere Systems TA16N1FAA Datasheet HTML 6Page - Agere Systems TA16N1FAA Datasheet HTML 7Page - Agere Systems TA16N1FAA Datasheet HTML 8Page - Agere Systems TA16N1FAA Datasheet HTML 9Page - Agere Systems TA16N1FAA Datasheet HTML 10Page - Agere Systems TA16N1FAA Datasheet HTML 11Page - Agere Systems TA16N1FAA Datasheet HTML 12Page - Agere Systems TA16N1FAA Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
Agere Systems Inc.
Data Sheet
TA16-Type 2.5 Gbits/s Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demulitplexer
1. Frame ground is connected to the housing and is isolated from all circuit grounds (TxDGND, TxAGND, RxDGND, RxAGND).
129
POCLKP
O
LVPECL
Byte-Aligned Parallel Output Clock at 155 MHz
130
POCLKN
O
LVPECL
Byte-Aligned Parallel Output Clock at 155 MHz
131
NC
No User Connection Permitted
132
NC
No User Connection Permitted
133
NC
No User Connection Permitted
134
NC
No User Connection Permitted
135
RxDGND
I
Supply
Receiver Digital Ground
136
RxQ15P
O
LVPECL
Receiver MSB 155 Mbits/s Data Output
137
RxQ15N
O
LVPECL
Receiver MSB 155 Mbits/s Data Output
138
RxQ13P
O
LVPECL
Receiver 155 Mbits/s Data Output
139
RxQ13N
O
LVPECL
Receiver 155 Mbits/s Data Output
140
RxDGND
I
Supply
Receiver Digital Ground
141
RxQ11P
O
LVPECL
Receiver 155 Mbits/s Data Output
142
RxQ11N
O
LVPECL
Receiver 155 Mbits/s Data Output
143
RxQ09P
O
LVPECL
Receiver 155 Mbits/s Data Output
144
RxQ09N
O
LVPECL
Receiver 155 Mbits/s Data Output
145
RxDGND
I
Supply
Receiver Digital Ground
146
RxQ07P
O
LVPECL
Receiver 155 Mbits/s Data Output
147
RxQ07N
O
LVPECL
Receiver 155 Mbits/s Data Output
148
RxQ05P
O
LVPECL
Receiver 155 Mbits/s Data Output
149
RxQ05N
O
LVPECL
Receiver 155 Mbits/s Data Output
150
RxDGND
I
Supply
Receiver Digital Ground
151
RxQ03P
O
LVPECL
Receiver 155 Mbits/s Data Output
152
RxQ03N
O
LVPECL
Receiver 155 Mbits/s Data Output
153
RxQ01P
O
LVPECL
Receiver 155 Mbits/s Data Output
154
RxQ01N
O
LVPECL
Receiver 155 Mbits/s Data Output
155
RxDGND
I
Supply
Receiver Digital Ground
156
NC
No User Connection Permitted
157
NC
No User Connection Permitted
158
NC
No User Connection Permitted
159
NC
No User Connection Permitted
160
FGND
I
Supply
Frame Ground1
Pin #
Pin Name
I/O
Logic
Description
Pin Descriptions (continued)
Table 1. TA16-Type Transponder Pinout (continued)


同様の部品番号 - TA16N1FAA

メーカー部品番号データシート部品情報
logo
TiMOTION Technology Co....
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
   Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
logo
Beijing Yaohuadechang E...
TA16-01 YHDC-TA16-01 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-02 YHDC-TA16-02 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-03 YHDC-TA16-03 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
logo
Kingbright Corporation
TA16-11 KINGBRIGHT-TA16-11 Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results

同様の説明 - TA16N1FAA

メーカー部品番号データシート部品情報
logo
Agere Systems
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NXP Semiconductors
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
   30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com